Electronic Components Datasheet Search
  English  ▼

X  

AD9913 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9913
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9913 Datasheet HTML 22Page - Analog Devices AD9913 Datasheet HTML 23Page - Analog Devices AD9913 Datasheet HTML 24Page - Analog Devices AD9913 Datasheet HTML 25Page - Analog Devices AD9913 Datasheet HTML 26Page - Analog Devices AD9913 Datasheet HTML 27Page - Analog Devices AD9913 Datasheet HTML 28Page - Analog Devices AD9913 Datasheet HTML 29Page - Analog Devices AD9913 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD9913
Data Sheet
Rev. E | Page 26 of 32
REGISTER MAP AND BIT DESCRIPTIONS
REGISTER MAP
Note that the highest number found in the Serial Bit Range column for each register in the following tables is the MSB and the lowest
number is the LSB for that register.
Table 9. Control Registers
Register Name
(Serial
Address)
[Serial Bit
Range]/Parallel
Address
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
Bit 0
Default
Value
CFR1—Control
Function
Register 1
(0x00)
[7:0]/0x00
External
Power-
Down
Mode
Digital
Power-
Down
DAC
Power-
Down
Clock
Input
Power-
Down
Load SRR @
IO_UPDATE
Autoclear
Auxiliary
Accum.
Autoclear
Phase
Accum.
Enable
Sine
Output
0x00
[15:8]/0x01
Clear
Auxiliary
Accum.
Clear
Phase
Accum.
Destination [1:0]
00: Frequency Word
01: Phase Word
Auxiliary
Accumulator
Enable
DC
Output
Active
Linear
Sweep
State
Trigger
Active
Linear
Sweep
No-
Dwell
Active
0x00
[23:16]/0x02
LSB First
Internal Profile Control [2:0]
Sync Clock
Disable
Open
Open
Direct
Switch
Mode
Active
0x00
[31:24]/0x03
Open
Open
Open
Modulus
Enable
Use Internal
Profile
Match
Pipe
Delays
Active
Open
Open
0x00
CFR2—Control
Function Register
2
(0x01)
[7:0]/0x04
CMOS
Clock
Mode1
Crystal
Clock
Mode1
PLL
Power-
Down1
PLL LO
Range
PLL Input Div
by 2
VCO2 Sel
PLL Reset
PLL
Lock
0x32
[15:8]/0x05
PLL
Output
Div by 2
PLL Multiplication Factor [5:0]
Open
0x14
DAC Control
Register
(0x02)
[7:0]/0x06
FS C [7:0]
0xFF
[15:8]/0x07
Open
Open
Reserved
Open
FSC [9:8]
0x11
[23:16]/0x08
Reserved
0x7F
[31:24]/0x09
Reserved
0x00
FTW
(0x03)
[7:0]/0x0A
Frequency Tuning Word [7:0]
0x00
[15:8]/0x0B
Frequency Tuning Word [15:8]
0x00
[23:16]/0x0C
Frequency Tuning Word [23:16]
0x00
[31:24]/0x0D
Frequency Tuning Word [31:24]
0x00
POW
(0x04)
[7:0]/0x0E
Phase Offset Word [7:0]
0x00
[15:8]/0x0F
Open [1:0]
Phase Offset Word [13:8]
0x00
Linear Sweep
Parameter
Register
(0x06)
[7:0]/0x12
Sweep Parameter Word 0 [7:0]
0x00
[15:8]/0x13
Sweep Parameter Word 0 [15:8]
0x00
[23:16]/0x14
Sweep Parameter Word 0 [23:16]
0x00
[31:24]/0x15
Sweep Parameter Word 0 [31:24]
0x00
[39:32]/0x16
Sweep Parameter Word 1 [7:0]
0x00
[47:40]/0x17
Sweep Parameter Word 1 [15:8]
0x00
[55:48]/0x18
Sweep Parameter Word 1 [23:16]
0x00
[63:56]/0x19
Sweep Parameter Word 1 [31:24]
0x00
Linear Sweep
Delta Parameter
Register
(0x07)
[7:0]/0x1A
Rising Delta Word [7:0]
0x00
[15:8]/0x1B
Rising Delta Word [15:8]
0x00
[23:16]/0x1C
Rising Delta Word [23:16]
0x00
[31:24]/0x1D
Rising Delta Word [31:24]
0x00
[39:32]/0x1E
Falling Delta Word [7:0]
0x00
[47:40]/0x1F
Falling Delta Word [15:8]
0x00
[55:48]/0x20
Falling Delta Word [23:16]
0x00
[63:56]/0x21
Falling Delta Word [31:24]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com