Electronic Components Datasheet Search
  English  ▼

X  

AD9913 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9913
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9913 Datasheet HTML 23Page - Analog Devices AD9913 Datasheet HTML 24Page - Analog Devices AD9913 Datasheet HTML 25Page - Analog Devices AD9913 Datasheet HTML 26Page - Analog Devices AD9913 Datasheet HTML 27Page - Analog Devices AD9913 Datasheet HTML 28Page - Analog Devices AD9913 Datasheet HTML 29Page - Analog Devices AD9913 Datasheet HTML 30Page - Analog Devices AD9913 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD9913
Rev. E | Page 27 of 32
Register Name
(Serial
Address)
[Serial Bit
Range]/Parallel
Address
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
Bit 0
Default
Value
Linear Sweep
Ramp Rate
Register
(0x08)
[7:0]/0x22
Rising Sweep Ramp Rate Word [7:0]
0x00
[15:8]/0x23
Rising Sweep Ramp Rate Word [15:8]
0x00
[23:16]/0x24
Falling Sweep Ramp Rate Word [7:0]
0x00
[31:24]/0x25
Falling Sweep Ramp Rate Word [15:8]
0x00
Profile 0
(0x09)
[7:0]/0x26
Frequency Tuning Word [7:0]
0x00
[15:8]/0x27
Frequency Tuning Word [15:8]
0x00
[23:16]/0x28
Frequency Tuning Word [23:16]
0x00
[31:24]/0x29
Frequency Tuning Word [31:24]
0x00
[39:32]/0x2A
Phase Offset Word [7:0]
0x00
[47:40]/0x2B
Open [1:0]
Phase Offset Word [13:8]
0x00
Profile 1
(0x0A)
[7:0]/0x2C
Frequency Tuning Word [7:0]
0x00
[15:8]/0x2D
Frequency Tuning Word [15:8]
0x00
[23:16]/0x2E
Frequency Tuning Word [23:16]
0x00
[31:24]/0x2F
Frequency Tuning Word [31:24]
0x00
[39:32]/0x30
Phase Offset Word [7:0]
0x00
[47:40]/0x31
Open [1:0]
Phase Offset Word [13:8]
0x00
Profile 2
(0x0B)
[7:0]/0x32
Frequency Tuning Word [7:0]
0x00
[15:8]/0x33
Frequency Tuning Word [15:8]
0x00
[23:16]/0x34
Frequency Tuning Word [23:16]
0x00
[31:24]/0x35
Frequency Tuning Word [31:24]
0x00
[39:32]/0x36
Phase Offset Word [7:0]
0x00
[47:40]/0x37
Open [1:0]
Phase Offset Word [13:8]
0x00
Profile 3
(0x0C)
[7:0]/0x38
Frequency Tuning Word [7:0]
0x00
[15:8]/0x39
Frequency Tuning Word [15:8]
0x00
[23:16]/0x3A
Frequency Tuning Word [23:16]
0x00
[31:24]/0x3B
Frequency Tuning Word [31:24]
0x00
[39:32]/0x3C
Phase Offset Word [7:0]
0x00
[47:40]/0x3D
Open [1:0]
Phase Offset Word [13:8]
0x00
Profile 4
(0x0D)
[7:0]/0x3E
Frequency Tuning Word [7:0]
0x00
[15:8]/0x3F
Frequency Tuning Word [15:8]
0x00
[23:16]/0x40
Frequency Tuning Word [23:16]
0x00
[31:24]/0x41
Frequency Tuning Word [31:24]
0x00
[39:32]/0x42
Phase Offset Word [7:0]
0x00
[47:40]/0x43
Open [1:0]
Phase Offset Word [13:8]
0x00
Profile 5
(0x0E)
[7:0]/0x44
Frequency Tuning Word [7:0]
0x00
[15:8]/0x45
Frequency Tuning Word [15:8]
0x00
[23:16]/0x46
Frequency Tuning Word [23:16]
0x00
[31:24]/0x47
Frequency Tuning Word [31:24]
0x00
[39:32]/0x48
Phase Offset Word [7:0]
0x00
[47:40]/0x49
Open [1:0]
Phase Offset Word [13:8]
0x00
Profile 6
(0x0F)
[7:0]/0x4A
Frequency Tuning Word [7:0]
0x00
[15:8]/0x4B
Frequency Tuning Word [15:8]
0x00
[23:16]/0x4C
Frequency Tuning Word [23:16]
0x00
[31:24]/0x4D
Frequency Tuning Word [31:24]
0x00
[39:32]/0x4E
Phase Offset Word [7:0]
0x00
[47:40]/0x4F
Open
Open
Phase Offset Word [13:8]
0x00
Profile 7
(0x10)
[7:0]/0x50
Frequency Tuning Word [7:0]
0x00
[15:8]/0x51
Frequency Tuning Word [15:8]
0x00
[23:16]/0x52
Frequency Tuning Word [23:16]
0x00
[31:24]/0x53
Frequency Tuning Word [31:24]
0x00
[39:32]/0x54
Phase Offset Word [7:0]
0x00
[47:40]/0x55
Open
Open
Phase Offset Word [13:8]
0x00
1 These bits are active immediately following the write sequence of the byte in which they reside in. As a result, they do not require an I/O_UPDATE to enable/disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com