Electronic Components Datasheet Search
  English  ▼

X  

AD9912ABCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 15Page - Analog Devices AD9912ABCPZ Datasheet HTML 16Page - Analog Devices AD9912ABCPZ Datasheet HTML 17Page - Analog Devices AD9912ABCPZ Datasheet HTML 18Page - Analog Devices AD9912ABCPZ Datasheet HTML 19Page - Analog Devices AD9912ABCPZ Datasheet HTML 20Page - Analog Devices AD9912ABCPZ Datasheet HTML 21Page - Analog Devices AD9912ABCPZ Datasheet HTML 22Page - Analog Devices AD9912ABCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Data Sheet
AD9912
THEORY OF OPERATION
analog.com
Rev. G | 19 of 38
SYSCLK PLL Doubler
The SYSCLK PLL multiplier path offers an optional SYSCLK PLL
doubler. This block comes before the SYSCLK PLL multiplier and
acts as a frequency doubler by generating a pulse on each edge of
the SYSCLK input signal. The SYSCLK PLL multiplier locks to the
falling edges of this regenerated signal.
The impetus for doubling the frequency at the input of the SYSCLK
PLL multiplier is that an improvement in overall phase noise per-
formance can be realized. The main drawback is that the doubler
output is not a rectangular pulse with a constant duty cycle even
for a perfectly symmetric SYSCLK input signal. This results in a
subharmonic appearing at the same frequency as the SYSCLK
input signal, and the magnitude of the subharmonic can be quite
large. When employing the doubler, care must be taken to ensure
that the loop bandwidth of the SYSCLK PLL multiplier adequately
suppresses the subharmonic.
The benefit offered by the doubler depends on the magnitude of
the subharmonic, the loop bandwidth of the SYSCLK PLL multiplier,
and the overall phase noise requirements of the specific applica-
tion. In many applications, the AD9912 clock output is applied to the
input of another PLL, and the subharmonic is often suppressed by
the relatively narrow bandwidth of the downstream PLL.
Note that generally, the benefits of the SYSCLK PLL doubler are
realized for SYSCLK input frequencies of 25 MHz and above.
Figure 44. System Clock Generator Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com