Electronic Components Datasheet Search
  English  ▼

X  

AD9912ABCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 22Page - Analog Devices AD9912ABCPZ Datasheet HTML 23Page - Analog Devices AD9912ABCPZ Datasheet HTML 24Page - Analog Devices AD9912ABCPZ Datasheet HTML 25Page - Analog Devices AD9912ABCPZ Datasheet HTML 26Page - Analog Devices AD9912ABCPZ Datasheet HTML 27Page - Analog Devices AD9912ABCPZ Datasheet HTML 28Page - Analog Devices AD9912ABCPZ Datasheet HTML 29Page - Analog Devices AD9912ABCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Data Sheet
AD9912
SERIAL CONTROL PORT
analog.com
Rev. G | 26 of 38
The AD9912 serial control port is a flexible, synchronous, serial
communications port that allows an easy interface with many
industry-standard microcontrollers and microprocessors. Single or
multiple byte transfers are supported, as well as MSB first or
LSB first transfer formats. The AD9912 serial control port can be
configured for a single bidirectional I/O pin (SDIO only) or for two
unidirectional I/O pins (SDIO and SDO).
Note that all serial port operations (such as the frequency tuning
word update) depend on the presence of the DAC system clock.
SERIAL CONTROL PORT PIN DESCRIPTIONS
SCLK (serial clock) is the serial shift clock. This pin is an input.
SCLK is used to synchronize serial control port reads and writes.
Write data bits are registered on the rising edge of this clock, and
read data bits are registered on the falling edge. This pin has an
internal pull-down resistor.
SDIO (serial data input/output) is a dual-purpose pin and acts as
input only or input/output. The AD9912 defaults to bidirectional pins
for I/O. Alternatively, SDIO can be used as a unidirectional I/O pin
by writing to the SDO active bit (Register 0x0000, Bit 0 = 1). In this
case, SDIO is the input, and SDO is the output.
SDO (serial data out) is used only in the unidirectional I/O mode
(Register 0x0000, Bit 0 = 1) as a separate output pin for reading
back data. Bidirectional I/O mode (using SDIO as both input and
output) is active by default (SDO active bit: Register 0x0000, Bit 0 =
0).
CSB (chip select bar) is an active low control that gates the read
and write cycles. When CSB is high, SDO and SDIO are in a high
impedance state. This pin is internally pulled up by a 100 kΩ resis-
tor to 3.3 V. It should not be left floating. See the Operation of Serial
Control Port section on the use of the CSB in a communication
cycle.
Figure 49. Serial Control Port
OPERATION OF SERIAL CONTROL PORT
Framing a Communication Cycle With CSB
A communication cycle (a write or a read operation) is gated by
the CSB line. CSB must be brought low to initiate a communication
cycle.
CSB stall high is supported in modes where three or fewer bytes
of data (plus the instruction data) are transferred ([W1:W0] must
be set to 00, 01, or 10; see Table 9). In these modes, CSB can
temporarily return high on any byte boundary, allowing time for the
system controller to process the next byte. CSB can go high on
byte boundaries only and can go high during either part (instruction
or data) of the transfer. During this period, the serial control port
state machine enters a wait state until all data has been sent. If
the system controller decides to abort the transfer before all of the
data is sent, the state machine must be reset by either completing
the remaining transfer or by returning the CSB low for at least one
complete SCLK cycle (but fewer than eight SCLK cycles). Raising
the CSB on a nonbyte boundary terminates the serial transfer and
flushes the buffer.
In the streaming mode ([W1:W0] = 11), any number of data bytes
can be transferred in a continuous stream. The register address is
automatically incremented or decremented (see the MSB/LSB First
Transfers section). CSB must be raised at the end of the last byte to
be transferred, thereby ending the stream mode.
Communication Cycle—Instruction Plus Data
There are two parts to a communication cycle with the AD9912.
The first writes a 16-bit instruction word into the AD9912, coincident
with the first 16 SCLK rising edges. The instruction word provides
the AD9912 serial control port with information regarding the data
transfer, which is the second part of the communication cycle. The
instruction word defines whether the upcoming data transfer is a
read or a write, the number of bytes in the data transfer, and the
starting register address for the first byte of the data transfer.
Write
If the instruction word is for a write operation (I15 = 0), the second
part is the transfer of data into the serial control port buffer of the
AD9912. The length of the transfer (1, 2, or 3 bytes, or streaming
mode) is indicated by two bits ([W1:W0]) in the instruction byte. The
length of the transfer indicated by [W1:W0] does not include the
2-byte instruction. CSB can be raised after each sequence of eight
bits to stall the bus (except after the last byte, where it ends the
cycle). When the bus is stalled, the serial transfer resumes when
CSB is lowered. Stalling on nonbyte boundaries resets the serial
control port.
There are three types of registers on the AD9912: buffered, live,
and read only. Buffered (also referred to as mirrored) registers
require an I/O update to transfer the new values from a temporary
buffer on the chip to the actual register and are marked with an M
in the Type column of the register map. Toggling the IO_UPDATE
pin or writing a 1 to the register update bit (Register 0x0005, Bit 0)
causes the update to occur. Because any number of bytes of data
can be changed before issuing an update command, the update
simultaneously enables all register changes that have occurred
since any previous update. Live registers do not require I/O update;
they update immediately after being written. Read-only registers
ignore write commands and are marked RO in the Type column of
the register map. An AC in this column indicates that the register is
autoclearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com