Electronic Components Datasheet Search
  English  ▼

X  

ADN2811 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 3 Page - Analog Devices

  ADN2811 Datasheet HTML 1Page - Analog Devices ADN2811 Datasheet HTML 2Page - Analog Devices ADN2811 Datasheet HTML 3Page - Analog Devices ADN2811 Datasheet HTML 4Page - Analog Devices ADN2811 Datasheet HTML 5Page - Analog Devices ADN2811 Datasheet HTML 6Page - Analog Devices ADN2811 Datasheet HTML 7Page - Analog Devices ADN2811 Datasheet HTML 8Page - Analog Devices ADN2811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADN2811
Rev. C | Page 3 of 20
SPECIFICATIONS
Table 1. TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 4.7 µF, SLICEP = SLICEN = VCC, unless otherwise noted
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
QUANTIZER—DC CHARACTERISTICS
Input Voltage Range
At PIN or NIN, dc-coupled
0
1.2
V
Peak-to-Peak Differential Input
2.4
V
Input Common-Mode Level
DC-coupled. (See Figure 24)
0.4
V
Differential Input Sensitivity
PIN–NIN, ac-coupled1, BER = 1 × 10−10
4
10
mV p-p
Input Overdrive
Figure 6
2
5
mV p-p
Input Offset
500
µV
Input rms Noise
BER = 1 × 10−10
244
µV rms
QUANTIZER—AC CHARACTERISTICS
Upper –3 dB Bandwidth
1.9
GHz
Small Signal Gain
Differential
54
dB
S11
At 2.5 GHz
−15
dB
Input Resistance
Differential
100
Ω
Input Capacitance
0.65
pF
Pulse Width Distortion2
10
ps
QUANTIZER SLICE ADJUSTMENT
Gain
SliceP − SliceN = ±0.5 V
0.115
0.200
0.300
V/V
Control Voltage Range
SliceP − SliceN
−0.8
+0.8
V
At SliceP or SliceN
1.3
VCC
V
Slice Threshold Offset
±1.0
mV
LEVEL SIGNAL DETECT (SDOUT)
Level Detect Range (See Figure 4)
RTHRESH = 2 kΩ
9.4
13.3
18.0
mV
RTHRESH = 20 kΩ
2.5
5.3
7.6
mV
RTHRESH = 90 kΩ
0.7
3.0
5.2
mV
Response Time, DC-Coupled
0.1
0.3
5
µs
Hysteresis (Electrical), PRBS 223
RTHRESH = 2 kΩ
5.6
6.6
7.8
dB
RTHRESH = 20 kΩ
3.9
6.1
8.5
dB
RTHRESH = 90 kΩ
3.2
6.7
9.9
dB
LOSS OF LOCK DETECT (LOL)
LOL Response Time
From fVCO error > 1000 ppm
60
µs
POWER SUPPLY VOLTAGE
3.0
3.3
3.6
V
POWER SUPPLY CURRENT
150
164
215
mA
PHASE-LOCKED LOOP CHARACTERISTICS
PIN − NIN = 10 mV p-p
Jitter Transfer Bandwidth
OC-48
590
880
kHz
Jitter Peaking
OC-48
0.025
dB
Jitter Generation
OC-48, 12 kHz − 20 MHz
0.0033
UI rms
0.05
0.09
UI p-p
Jitter Tolerance
OC-48 (See Figure 11)
600 Hz
923
UI p-p
6 kHz
203
UI p-p
100 kHz
5.5
UI p-p
1 MHz
1.03
UI p-p
CML OUTPUTS (CLKOUTP/N, DATAOUTP/N)
Single-Ended Output Swing
VSE (See Figure 5)
300
455
600
mV
Differential Output Swing
VDIFF (See Figure 5)
600
910
1200
mV
Output High Voltage
VOH
VCC
V
Output Low Voltage
VOL
VCC − 0.6
VCC − 0.3
V
Rise Time
20% to 80%
84
150
ps
Fall time
80% to 20%
84
150
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com