Electronic Components Datasheet Search
  English  ▼

X  

RM150N80DF Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # RM150N80DF
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM150N80DF Datasheet(HTML) 4 Page - Rectron Semiconductor

  RM150N80DF Datasheet HTML 1Page - Rectron Semiconductor RM150N80DF Datasheet HTML 2Page - Rectron Semiconductor RM150N80DF Datasheet HTML 3Page - Rectron Semiconductor RM150N80DF Datasheet HTML 4Page - Rectron Semiconductor RM150N80DF Datasheet HTML 5Page - Rectron Semiconductor RM150N80DF Datasheet HTML 6Page - Rectron Semiconductor RM150N80DF Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
"  ! !
 2 ! ! 
-1 1  -$ 3-4
1 1   3%4
 ! 
  ! !
 B    !  -$
- 
  -$ 3-4
G H    "  3E4

 


L
 
&
)

&
)


 
"
9&

)
L
A



9


9 "
9
&



9
9
&
&

 )


&
)




9
9
&
&

9
&

)LA
RATING AND CHARACTERISTICS CURVES (RM150N80DF)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com