Electronic Components Datasheet Search
  English  ▼

X  

RM150N80DF Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RM150N80DF
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM150N80DF Datasheet(HTML) 1 Page - Rectron Semiconductor

  RM150N80DF Datasheet HTML 1Page - Rectron Semiconductor RM150N80DF Datasheet HTML 2Page - Rectron Semiconductor RM150N80DF Datasheet HTML 3Page - Rectron Semiconductor RM150N80DF Datasheet HTML 4Page - Rectron Semiconductor RM150N80DF Datasheet HTML 5Page - Rectron Semiconductor RM150N80DF Datasheet HTML 6Page - Rectron Semiconductor RM150N80DF Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
z 80V,150A
RDS ON
3.0m
VGS=10V
TYP:2.5m
RDS ON
4.0m
VGS=6V
TYP:3.5m
z Surface-mounted package
z Split Gate Trench Technology
Applications
z Power appliances
z BMS appliances
z High power inverter system
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity (PCS)
150N80
RM150N80DF
DFN5X6
-
-
5000
ABSOLUTE MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
80
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current (Ta =25
) (2,3)
ID
150
A
Pulsed Drain Current (1,2,3)
IDM
240
A
Single Pulsed Avalanche Energy (VDD =50V,L=0.1mH) (2)
EAS
420
mJ
Drain Power Dissipation
PD
156
W
Thermal Resistance from Junction to Case(2)
RθJC
0.8
/W
Thermal Resistance- Junction to Ambient(2)
RθJA
62.5
/W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55~ +150
Notes:
1. Pulse width
d 300 Ps, duty cycle d 2 %
2. Surface Mounted on n 1 in2 pad area, t
d 10 sec.
3. Limited by bonding wire
DFN5X6
N-Channel Enhancement Mode Power MOSFET
RM150N80DF
Halogen-free
z
2023-03/59
REV:O


Similar Part No. - RM150N80DF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM150N100ADF RECTRON-RM150N100ADF Datasheet
422Kb / 7P
N-Channel Super Trench Power MOSFET
2023-08/69 REV:A
RM150N100AHD RECTRON-RM150N100AHD Datasheet
498Kb / 7P
N-Channel Super Trench Power MOSFET
2019-01/15 REV:O
RM150N100AT2 RECTRON-RM150N100AT2 Datasheet
380Kb / 8P
N-Channel Super Trench Power MOSFET
2018-12/15 REV:O
RM150N100HD RECTRON-RM150N100HD Datasheet
276Kb / 9P
N-Channel Super Trench Power MOSFET
2018-11/15 REV:A
RM150N100T2 RECTRON-RM150N100T2 Datasheet
242Kb / 9P
N-Channel Super Trench Power MOSFET
2018-11/15 REV:A
More results

Similar Description - RM150N80DF

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com