Electronic Components Datasheet Search
  English  ▼

X  

30F60W Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 30F60W
Description  FAST RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

30F60W Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  30F60W Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F60W Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F60W Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F60W Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F60W Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:202308G
1/5
快恢复二极管
FAST RECOVERY DIODE
30F60W
订 货 型 号 Order codes
印
记
Marking
封
装
Package
有卤-条管
Halogen-Tube
无卤-条管
Halogen Free-Tube
30F60W -GL-B
30F60W -GL-BR
30F60W
TO-247-2L
产品特性
超快恢复时间
低恢复损耗
低漏电流
FEATURES
Ultrafast Recovery Time
Low Recovery Loss
Low Leakage Current
订货信息 ORDER MESSAGE
APPLICATIONS
Active PFC
Switch power supply
Photovoltaic inverter
Antiparalle Diode for high frequ
ency switching devices
用途
 有源 PFC
 开关电源
 光伏逆变
 高频开关器件并联
二极管
主要参数
MAIN
CHARACTERISTICS
IF(AV)
30A
VRRM
600 V
VF(typ)
2.0V
Trr(typ)
25ns
封装 Package
TO-247-2L


Similar Part No. - 30F60W

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
30F60W JSMC-30F60W Datasheet
332Kb / 5P
FAST RECOVER DIODE
201202A
More results

Similar Description - 30F60W

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com