Electronic Components Datasheet Search
  English  ▼

X  

60F60WT Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 60F60WT
Description  FAST RECOVER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

60F60WT Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  60F60WT Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60WT Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60WT Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60WT Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60WT Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60WT Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:202201C
1/6
快恢复二极管
FAST RECOVER DIODE
60F60WT
订 货 型 号 Order codes
印
记
Marking
封
装
Package
有卤-条管
Halogen-Tube
无卤-条管
Halogen Free-Tube
60F60WT-GL-B
60F60WT-GL-BR
60F60WT
TO-2472L
封装 Package
TO-2472L
产品特性
超快恢复时间
低恢复损耗
低正向压降
低漏电流
FEATURES
Ultrafast Recovery Time
Low Recovery Loss
Low Forward Voltage
Low Leakage Current
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
60A
VRRM
600 V
VF(typ)
1.6V
Trr(typ)
40ns
APPLICATIONS
Snubber diode
Switch power supply
Antiparalle Diode for high frequenc
y switching devices
用途
 吸收回路
 开关电源
 高频开关器件并联
二极管


Similar Part No. - 60F60WT

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
60F60W JSMC-60F60W Datasheet
254Kb / 6P
FAST RECOVER DIODE
60F60W3T JSMC-60F60W3T Datasheet
487Kb / 5P
FAST RECOVERY DIODE
202403B
60F60W3T-GE-B JSMC-60F60W3T-GE-B Datasheet
487Kb / 5P
FAST RECOVERY DIODE
202403B
More results

Similar Description - 60F60WT

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
FAST RECOVER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com