Electronic Components Datasheet Search
  English  ▼

X  

60F60WT Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 60F60WT
Description  FAST RECOVER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

60F60WT Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  60F60WT Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60WT Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60WT Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60WT Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60WT Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60WT Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
R
60F60WT
版本:202201C
3/6
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
Fig.1
TYPICAL FORWARD CHARACTERISTICS
Fig.2
TYPICAL REVERSE CHARACTERISTICS
Fig.3
TYPCAL JUNCTION CAPACITANCE
Fig.4
Reverse recovery time versus dIF/dt
(typical values)
Fig.6
Peak reverse recovery current versus dIF/dt
dIF/dt
(typical values)
Fig.5
Reverse recovery charges versus dIF/dt
(typical values)
TJ=125 ℃
VR=200V
TJ=125 ℃
VR=200V
TJ=125 ℃
VR=200V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com