Electronic Components Datasheet Search
  English  ▼

X  

1620002 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1620002
Description  CA-12M1N8A9503 - Coupler connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620002 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 1620002 Datasheet HTML 4Page - PHOENIX CONTACT 1620002 Datasheet HTML 5Page - PHOENIX CONTACT 1620002 Datasheet HTML 6Page - PHOENIX CONTACT 1620002 Datasheet HTML 7Page - PHOENIX CONTACT 1620002 Datasheet HTML 8Page - PHOENIX CONTACT 1620002 Datasheet HTML 9Page - PHOENIX CONTACT 1620002 Datasheet HTML 10Page - PHOENIX CONTACT 1620002 Datasheet HTML 11Page - PHOENIX CONTACT 1620002 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Accessories
SF-6CP2000 - Crimp contact
1605559
https://www.phoenixcontact.com/us/products/1605559
Crimp contact, Pin, turned, Single contact, contact diameter: 1 mm, crimp range:
0.06 mm2 ... 0.25 mm2, Alternative product in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %) item no.: 1241921
SF-10KP004 - Crimp contact
1607355
https://www.phoenixcontact.com/us/products/1607355
Crimp contact, Pin, turned, Single contact, contact diameter: 1 mm, crimp range:
0.14 mm2 ... 0.5 mm2, Alternative product in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %) item no.: 1241921
CA-12M1N8A9503 - Coupler connector
1620002
https://www.phoenixcontact.com/us/products/1620002
Jul 26, 2024, 6:37 AM
Page 8 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com