Electronic Components Datasheet Search
  English  ▼

X  

1620002 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1620002
Description  CA-12M1N8A9503 - Coupler connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620002 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1620002 Datasheet HTML 1Page - PHOENIX CONTACT 1620002 Datasheet HTML 2Page - PHOENIX CONTACT 1620002 Datasheet HTML 3Page - PHOENIX CONTACT 1620002 Datasheet HTML 4Page - PHOENIX CONTACT 1620002 Datasheet HTML 5Page - PHOENIX CONTACT 1620002 Datasheet HTML 6Page - PHOENIX CONTACT 1620002 Datasheet HTML 7Page - PHOENIX CONTACT 1620002 Datasheet HTML 8Page - PHOENIX CONTACT 1620002 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical data
Notes
Order information:
Order crimp contacts Ø 1 mm separately
Product properties
Product type
Circular connector (cable-side)
Data management status
Article revision
04
Connector
Insulating body
Note
Order information: Order crimp contacts Ø 1 mm separately
Coding
N
Insulation body material
PA 6.6
Connection method
Crimp connection
Contact switching type
Pin
Feedback, signal
Application
Signal
Number of positions
12
Direction of rotation
Standard
Connection profile
12
Contact diameter
Signal contacts
1 mm
Litz wire cross-section
Signal contacts min.
0.06 mm²
Litz wire cross-section
Signal contacts max.
1 mm²
Nominal current per signal contact
8 A
Rated voltage Signal contact
48 V AC
Rated surge voltage
1.5 kV
Overvoltage category
III
Degree of pollution
3
Housing
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-
Zn)
Type of locking
for standard and SPEEDCON interlock
Pg screw connection
none
Degree of protection (plugged in)
IP67
Thread type
M23
Seal
External cable diameter
6 mm ... 10 mm
Seal material
FPM
CA-12M1N8A9503 - Coupler connector
1620002
https://www.phoenixcontact.com/us/products/1620002
Jul 26, 2024, 6:37 AM
Page 2 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com