Electronic Components Datasheet Search
  English  ▼

X  

SA08 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA08
Description  PULSE WIDTH MODULATION AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA08 Datasheet(HTML) 2 Page - Cirrus Logic

  SA08_06 Datasheet HTML 1Page - Cirrus Logic SA08_06 Datasheet HTML 2Page - Cirrus Logic SA08_06 Datasheet HTML 3Page - Cirrus Logic SA08_06 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
PARAMETER
TESTCONDITIONS2
MIN
TYP
MAX
UNITS
CLOCK(CLK)
CLK OUT, high level4
I
OUT ≤ 1mA
4.8
5.3
V
CLK OUT, low level4
I
OUT ≤ 1mA
0
.4
V
CLK IN, low level4
0
.9
V
CLK IN, high level4
3.7
5.4
V
FREQUENCY
44.10
45.00
46.90
kHz
ANALOG INPUT (+PWM)
center voltage
5
V
P-P voltage
0/100% modulation
4
V
FLAG
FLAG, high level
10
V
FLAG, low level
0
V
OUTPUT
TOTAL DROP
I = 20A
5.4
V
EFFICIENCY, 20A output
V
S = 380V
98
%
SWITCHING FREQUENCY
OSC in ÷ 2
22.05
22.50
22.95
kHz
CURRENT, continuous4
100°C case
20
A
CURRENT, peak4
28
A
POWERSUPPLY
VOLTAGE, V
S
Full temperature range
165
240
450
V
VOLTAGE, V
CC
Full temperature range
14
15
16
V
CURRENT, V
CC
I
OUT = 0
80
mA
CURRENT, V
CC, shutdown
50
mA
CURRENT, V
S
No Load
90
mA
I
LIM/SHUTDOWN
TRIP POINT
90
110
mV
INPUT CURRENT
100
nA
THERMAL3
RESISTANCE, junction to case
Full temperature range, for each die
1
°C/W
RESISTANCE, junction to air
Full temperature range
12
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
°C
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SA08
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S
450V
SUPPLY VOLTAGE, V
CC
16V
POWER DISSIPATION, internal1
250W
TEMPERATURE, pin solder - 10s
300°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
INPUT VOLTAGE, +PWM
0 TO +11V
INPUT VOLTAGE, I
LIM
0 TO +10V
The SA08 is constructed from static sensitive components. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush,
machine, or subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION
NOTES: 1. Each of the two active output transistors can dissipate 125W.
2. Unless otherwise noted: T
C = 25°C, VS, VCC at typical specification.
3. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dis-
sipation to achieve high MTTF. For guidance, refer to the heatsink data sheet.
4. Guaranteed but not tested.
5. If 100% duty cycle is not required V
S(MIN) = 0V.
SPECIFICATIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com