Electronic Components Datasheet Search
  English  ▼

X  

SA08 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA08
Description  PULSE WIDTH MODULATION AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA08 Datasheet(HTML) 1 Page - Cirrus Logic

  SA08_06 Datasheet HTML 1Page - Cirrus Logic SA08_06 Datasheet HTML 2Page - Cirrus Logic SA08_06 Datasheet HTML 3Page - Cirrus Logic SA08_06 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• IGBT OUTPUTS
• WIDE SUPPLY RANGE—16-450V
• 20A TO 100°C CASE
• 3 PROTECTION CIRCUITS
• SYNCHRONIZED OR EXTERNAL OSCILLATOR
• FLEXIBLE FREQUENCY CONTROL
APPLICATIONS
• MOTORS
• REACTIVE LOADS
• MAGNETIC BEARINGS
• LARGE PIEZO ELEMENTS
• OFF-LINE DRIVERS
• C-D WELD CONTROLLER
DESCRIPTION
The SA08 is a pulse width modulation amplifier that can
supply 9KW to the load. An internal oscillator requires no
external components. The clock input stage divides the oscil-
lator frequency by two, which provides the switching frequency
of 22.5 kHz. The oscillator may also be used to synchronize
multiple amplifiers. Current sensing is provided for each half
of the bridge giving amplitude and direction data. A shutdown
input turns off all four drivers of the H-bridge output. A high
side current limit and the programmable low side current limit
protect the amplifier from shorts to supply or ground in addition
to load shorts. The H-bridge output IGBTs are protected from
thermal overloads by directly sensing the temperature of the
die. The 12-pin hermetic MO-127 power package occupies
only 3 square inches of board space.
BLOCK DIAGRAM AND TYPICAL APPLICATION
MOTOR TORQUE CONTROL
EXTERNAL CONNECTIONS
M I C R O T E C H N O L O G Y
SA08
12-PIN POWER DIP
PACKAGE STYLE CR


Similar Part No. - SA08_06

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA08-11CGKWA KINGBRIGHT-SA08-11CGKWA Datasheet
360Kb / 6P
20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-11EWA KINGBRIGHT-SA08-11EWA Datasheet
162Kb / 3P
Standard-Displays
SA08-11EWA KINGBRIGHT-SA08-11EWA Datasheet
186Kb / 4P
20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-11GWA KINGBRIGHT-SA08-11GWA Datasheet
162Kb / 3P
Standard-Displays
SA08-11GWA KINGBRIGHT-SA08-11GWA Datasheet
133Kb / 4P
20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA08_06

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA07 APEX-SA07 Datasheet
276Kb / 5P
PULSE WIDTH MODULATION AMPLIFIERS
SA08 APEX-SA08 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA12 APEX-SA12 Datasheet
244Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
Pulse Width Modulation
logo
Cirrus Logic
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
Pulse Width Modulation Amplifiers
SA12 APEX-SA12_07 Datasheet
268Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA09 CIRRUS-SA09 Datasheet
521Kb / 7P
Pulse Width Modulation Amplifiers
MSA240 CIRRUS-MSA240 Datasheet
214Kb / 5P
Pulse Width Modulation Amplifiers
SA08 CIRRUS-SA08 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
SA12 CIRRUS-SA12 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com