Electronic Components Datasheet Search
  English  ▼

X  

PS700 Datasheet(PDF) 31 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 31 Page - Microchip Technology

Back Button PS700 Datasheet HTML 27Page - Microchip Technology PS700 Datasheet HTML 28Page - Microchip Technology PS700 Datasheet HTML 29Page - Microchip Technology PS700 Datasheet HTML 30Page - Microchip Technology PS700 Datasheet HTML 31Page - Microchip Technology PS700 Datasheet HTML 32Page - Microchip Technology PS700 Datasheet HTML 33Page - Microchip Technology PS700 Datasheet HTML 34Page - Microchip Technology PS700 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 31
PS700
6.0
ELECTRICAL CHARACTERISTICS
TABLE 6-1:
ABSOLUTE MAXIMUM RATINGS
Note:
These are stress ratings only. Stress greater than the listed ratings may cause permanent damage to the
device. Exposure to absolute maximum ratings for an extended period may affect device reliability. Functional
operation is implied only at the listed operating conditions below.
TABLE 6-2:
DC CHARACTERISTICS (TA = -20°C TO +85°C; VDD (INTERNAL) = +3.3V ±10%)
Note 1:
Does not include current consumption due to external loading on pins.
2:
Sample mode current is specified during an A/D inactive cycle. Sample mode average current can be
calculated using the formula: Average Sample Mode Supply Current = (IDDRUN + (n – 1) * IDDINS)/n; where
“n” is the programmed sample rate.
Symbol
Description
Min
Max
Units
VCx
Voltage at any VC(x) pin
-0.5
10.0
V
VPIN
Voltage directly at any pin (except VCELLX)-0.5
7.0
V
TBIAS
Temperature under bias
-20
85
°C
TSTORAGE
Storage temperature (package dependent)
-35
120
°C
Symbol
Description
Min
Typ.
Max
Units
Condition
VC1
Supply Voltage
2.7
—
9.0
V
VDD
Internal Regulated Supply Voltage
—
3.3
—
V
IDD
Supply Current – Run mode
—
80
190
µA
A/D active (Note 1)
IDDINS
Supply Current – Sample mode
—
45
—
µA
A/D inactive
(Note 1, 2)
IDDSLP
Supply Current – Sample-Sleep mode
—
20
—
µA
Sample-Sleep mode
(Note 1)
IDDSSLP
Supply Current – Shelf-Sleep mode
—
300
—
nA
Shelf-Sleep mode
(Note 1)
VIL
Input Low Voltage – IO0, IO1
—
—
0.2 * VDD
V
VIH
Input High Voltage – IO0, IO1
0.8 * VDD
——
V
IIL-IOPU
GPIO Input Low Current – Pull-up mode
—
7
—
µA
IL-IO
Leakage Current – IO pins programmed
as outputs or inputs without pull-up
—1
2
µA
VOL-IO
Output Low Voltage for IO1, IO0
—
—
0.4
V
IOL = 0.5 mA
VOH-IO
Output High Voltage for IO1 configured
as push-pull
2.0
—
—
V
IOH = 100
µA
VSR
Sense Resistor Input Voltage Range
-150
—
150
mV
VR = 170 mV
INTC
Thermistor Output Current
—
12.5
—
µA
VIL-SMB
Input Low Voltage for SMBus pins
-0.5
—
0.8
V
VIH-SMB
Input High Voltage for SMBus pins
2.0
—
5.5
V
VOL-SMB
Output Low Voltage for SMBus pins
—
—
0.4
V
IPULLUP = 350
µA
VOH-SMB
Output High Voltage for SMBus pins
2.1
—
5.5
V
IPULLUP-SMB Current through Pull-up Resistor or
Current Source for SMBus pins
100
—
350
µA
ILEAK-SMB
Input Leakage Current – SMBus pins
—
—
±8
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com