Electronic Components Datasheet Search
  English  ▼

X  

TC341 Datasheet(PDF) 8 Page - Texas Instruments

Part # TC341
Description  780X488 PIXEL CCD IMAGE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC341 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TC341 Datasheet HTML 4Page - Texas Instruments TC341 Datasheet HTML 5Page - Texas Instruments TC341 Datasheet HTML 6Page - Texas Instruments TC341 Datasheet HTML 7Page - Texas Instruments TC341 Datasheet HTML 8Page - Texas Instruments TC341 Datasheet HTML 9Page - Texas Instruments TC341 Datasheet HTML 10Page - Texas Instruments TC341 Datasheet HTML 11Page - Texas Instruments TC341 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TC341
780×488 PIXEL
CCD IMAGE SENSOR
SOCS083A – OCTOBER 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VSS: ADB, CDB, IDB (see Note1)
SUB to SUB + 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VSS: ODB
SUB to SUB + 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: IAG, SAG, SRG, RSG
SUB – 15 V to SUB + 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–10
°C to 45°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range
10
°C to 55°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to SUB (GND).
recommended operating conditions
MIN
NOM
MAX
UNIT
Substrate bias (GND), Vss
0
ADB
11.5
12
12.5
CDB
11.5
12
12.5
V
Supply voltages, VDD
For blooming control
5
8
V
Su
ly voltages, VDD
ODB†
For clearing
ODB†
For transfer
IAG SAG
High
1.5
2
2.5
IAG, SAG
Low
–10.5
–10
–9.5
SRG
High
1.5
2
2.5
Inp t oltages V ‡
SRG
Low
–10.5
–10
–9.5
V
Input voltages, VI‡
RSG
High
1.5
2
2.5
V
RSG
Low
TRG
High
1.5
2
2.5
TRG
Low
IAG
8
SAG
8
Clock frequency, fck
SRG
14.7
MHz
Clock frequency, fck
RSG
14.7
MHz
TRG
8
Load capacitance
Cout
3
pF
Operating free-air temperature, TA
–10
45
°C
† Fine tuning of ODB voltage is required to achieve an optimum antiblooming performance.
‡ Fine tuning of gate clock input voltages is required to obtain the best charge transfer performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com