Electronic Components Datasheet Search
  English  ▼

X  

TC1301A Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1301A
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1301A Datasheet HTML 6Page - Microchip Technology TC1301A Datasheet HTML 7Page - Microchip Technology TC1301A Datasheet HTML 8Page - Microchip Technology TC1301A Datasheet HTML 9Page - Microchip Technology TC1301A Datasheet HTML 10Page - Microchip Technology TC1301A Datasheet HTML 11Page - Microchip Technology TC1301A Datasheet HTML 12Page - Microchip Technology TC1301A Datasheet HTML 13Page - Microchip Technology TC1301A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TC1301A/B
DS21798B-page 10
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF (X5R or X7R),
CBYPASS = 0 pF, SHDN1 = SHDN2 > VIH. For the TC1301A, VDET = VOUT1, RESET = OPEN, TA = +25°C.
FIGURE 2-25:
VOUT1 and VOUT2 Power-up
from Input Voltage TC1301B.
FIGURE 2-26:
Dynamic Line Response.
FIGURE 2-27:
300 mA Dynamic Load Step
VOUT1.
FIGURE 2-28:
150 mA Dynamic Load Step
VOUT2.
FIGURE 2-29:
RESET Power-Up From VIN
TC1301B.
FIGURE 2-30:
TC1301A RESET Power-
Down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com