Electronic Components Datasheet Search
  English  ▼

X  

TC1301A Datasheet(PDF) 16 Page - Microchip Technology

Part # TC1301A
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC1301A Datasheet HTML 12Page - Microchip Technology TC1301A Datasheet HTML 13Page - Microchip Technology TC1301A Datasheet HTML 14Page - Microchip Technology TC1301A Datasheet HTML 15Page - Microchip Technology TC1301A Datasheet HTML 16Page - Microchip Technology TC1301A Datasheet HTML 17Page - Microchip Technology TC1301A Datasheet HTML 18Page - Microchip Technology TC1301A Datasheet HTML 19Page - Microchip Technology TC1301A Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TC1301A/B
DS21798B-page 16
© 2005 Microchip Technology Inc.
5.14
TC1301B RESET Timing
The timing waveforms for the TC1301B RESET output
are shown in Figure 5-4. Note that the RESET
threshold input for the TC1301B is VOUT1. The VOUT1
to RESET threshold detector connection is made
internal in the case of the TC1301B.
FIGURE 5-4:
TC1301B RESET Timing.
5.15
Device Protection
5.15.1
OVERCURRENT LIMIT
In the event of a faulted output load, the maximum
current the LDO output will permit to flow is limited
internally for each of the TC1301A/B outputs. The peak
current limit for VOUT1 is typically 1.1A, while the peak
current limit for VOUT2 is typically 0.5A. During short-
circuit operation, the average current is limited to
200 mA for VOUT1 and 140 mA for VOUT2.The VDET
and RESET circuit will continue to operate in the event
of an overcurrent on either output for the TC1301A.
The voltage detect and RESET circuit will continue to
operate in the event of an overcurrent on VOUT1 (or
VOUT2) for the TC1301B. In the event of an overcurrent
on VOUT1, the RESET will detect the absence of VOUT1.
5.15.2
OVERTEMPERATURE
PROTECTION
If the internal power dissipation within the TC1301A/B
is excessive due to a faulted load or higher-than-
specified line voltage, an internal temperature-sensing
element will prevent the junction temperature from
exceeding
approximately
150°C.
If
the
junction
temperature does reach 150°C, both outputs will be
disabled until the junction temperature cools to
approximately 140°C. The device will resume normal
operation. If the internal power dissipation continues to
be excessive, the device will again shut off. The VDET
and RESET circuit will continue to operate normally
during an overtemperature fault condition for both the
TC1301A and TC1301B.
RESET Time
TRPD
VTH
VOUT1
RESET
1V
VOL
VOH
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com