Electronic Components Datasheet Search
  English  ▼

X  

PS501 Datasheet(PDF) 26 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 26 Page - Microchip Technology

Back Button PS501 Datasheet HTML 22Page - Microchip Technology PS501 Datasheet HTML 23Page - Microchip Technology PS501 Datasheet HTML 24Page - Microchip Technology PS501 Datasheet HTML 25Page - Microchip Technology PS501 Datasheet HTML 26Page - Microchip Technology PS501 Datasheet HTML 27Page - Microchip Technology PS501 Datasheet HTML 28Page - Microchip Technology PS501 Datasheet HTML 29Page - Microchip Technology PS501 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
PS501
DS21818C-page 26
 2004 Microchip Technology Inc.
TABLE 9-2:
CAPACITY CALCULATIONS
Parameter
Name
#
Bytes
Lower
Limit
Upper
Limit
Typical
Value
Operational Description
CurrError
1
0
255
1
Current measurement error. This is the error due to the
accuracy of the A/D converter to measure and integrate the
current, 255 = 24.9%.
Cycles
2
0
65535
0
SBData register for CycleCount. Cycles is updated to keep
track of the total usage of the battery. Cycles is increased
whenever an amount of charge has been delivered to or
removed from the battery, equivalent to the full capacity. For a
4000 mAh battery, Cycles is increased every time 4000 mAh
goes through the battery terminals in any direction.
InitialCap
2
0
65535
2048
The initial capacity of the battery. When the PS501 is first
powered up and initialized, before a learning cycle takes place
to learn the full capacity, the full capacity will take the value
programmed into InitialCap to compute relative
State-Of-Charge percentage.
LowCurrError
1
0
255
25
Current offset for error calculation. Since the error of the A/D
converter is proportional to the level of current it is measuring,
the error term can be too low when the current is very low. For
this reason, the LowCurrError will compensate the ERR term
for low currents. LowCurrError milli-Amps are added to the
current when factoring in the error. Thus, the error is:
Error = (Current + LowCurrError) * CurrError.
NChangeState
1
0
255
8
State change delay filter. Delays the change between “charge
increasing” state and “charge decreasing” state based on current
direction. To avoid problems with current spikes in opposite
directions, a delay filter is built-in to control when to change from
charging status to discharging status. The current must change
directions and stay in the new direction for CST_DELAY * period
before the status is changed and capacity is increased or
decreased as a result of the new current direction.
NullCurr
1
0
255
3
A zero zone control is built into the PS501 so that any small
inaccuracy doesn’t actually drain the gas gauge, when in fact
the current is zero. For this reason, current less than NullCurr
mA in either direction will be measured as zero.
PwrConsumption
1
0
65535
140
Current consumption of the battery module. This is the average
current that the battery module typically draws from the battery
(255 = 1 mA).
SelfDischrgErr
1
0
255
1
Self-discharge error. This is the error inherent in the ability of
the self-discharge look-up tables to meet actual battery
characteristics, 255 = 100%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com