Electronic Components Datasheet Search
  English  ▼

X  

PS501 Datasheet(PDF) 14 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PS501 Datasheet HTML 10Page - Microchip Technology PS501 Datasheet HTML 11Page - Microchip Technology PS501 Datasheet HTML 12Page - Microchip Technology PS501 Datasheet HTML 13Page - Microchip Technology PS501 Datasheet HTML 14Page - Microchip Technology PS501 Datasheet HTML 15Page - Microchip Technology PS501 Datasheet HTML 16Page - Microchip Technology PS501 Datasheet HTML 17Page - Microchip Technology PS501 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
PS501
DS21818C-page 14
 2004 Microchip Technology Inc.
5.1
Full Charge Detection Methods
For a typical Lithium Ion constant-current/constant-
voltage charge system, the PS501 will monitor the
taper current that enters the battery once the battery
has reached the final voltage level of the charger. Once
the taper current falls to a certain level, indicating that
the battery is full, the End-Of-Charge (EOC) will be trig-
gered. Different taper currents will be used for different
temperatures. See the parameter explanation in
Section 9.0 “Parameter Setup” for details.
When a valid fully charged EOC condition is detected,
the following actions occur:
• The FULLY_CHARGED status bit (bit 5) in the
SBData value of BatteryStatus is set to ‘1’ to
indicate a full condition. (This will remain set until
RelativeStateOfCharge drops below the
ClrFullyChrg value in EEPROM.)
• RelativeStateOfCharge is set to 100%.
• ChargingCurrent is set to ChrgCurrOff value.
• SBData value for MaxError is cleared to zero
percent (0%).
• The TERMINATE_CHARGE_ALARM bit (bit 14)
is set in BatteryStatus and an AlarmWarning
broadcast is sent to the SMBus Host and Smart
Battery Charger addresses.
•The OverChrg value is incremented for any
charge received above 100% after a valid fully
charged EOC condition.
• Control flags for internal operations are set to
indicate a valid full charge condition was
achieved.
• Other BatteryStatus or AlarmWarning flag bits
may also be set depending on the conditions
causing the EOC.
- The charge timer, EOCTimer, is exceeded
- Cell voltage is higher than TCAVolt
5.2
Temperature Algorithms
The PS501 SMBus Smart Battery IC provides multiple
temperature alarm set points and charging conditions.
The following EEPROM parameters control how the
temperature alarms and charging conditions operate.
HighTempAl: When the measured temperature is
greater than HighTempAl, the OVER_TEMP_ALARM
is
set.
If
the
battery
is
charging,
then
the
TERMINATE_CHARGE_ALARM is also set.
ChrgMinTemp, DischrgMaxTemp and ChrgMaxTemp:
If the measured temperature is less than ChrgMinTemp,
the ChargingCurrent is set to ChrgCurrOff and the
ChargingVoltage is set to ChrgVolt to communicate to
the charger that the non-charging state of current and
voltage should be given. When measured temperature
is greater than ChrgMaxTemp and the system is charg-
ing, or greater than DischrgMaxTemp and the system is
discharging, then ChargingCurrent is set to ChrgCurrOff
and
the
ChargingVoltage
is
set
to ChrgVoltOff
also. Otherwise, ChargingCurrent = ChrgCurr and
ChargingVoltage = ChrgVolt.
6.0
CELL BALANCING
The PS501 has internal cell balancing loads with which
to draw extra current away from higher voltage cells.
There are internal 500 ohm resistors, which will draw
up to 8.4 mA of current from each cell, depending on
the cell voltage. The cell balancing algorithm will moni-
tor individual cell voltages and the difference between
them. When the difference between any cells exceeds
the EEPROM parameter, VcelldiffMax, the resistor
load will be applied to the higher cell until it is within
VcelldiffresetMax of the lowest. Cell balancing will
only be applied during the charging state to maintain
run time during discharge.
Determination of cell balance requirement will be made
near End-Of-Charge, when the capacity difference
results in a cell voltage difference. Once this determina-
tion is made, cell balancing will commence on the
charge cycle and remain in effect for the entire charge
cycle. Upon discharging, cell balancing will be disabled
to preserve run time. Once the near empty point is
reached again, determination will be made as to
whether correct hysteresis has been reached to disable
the cell balancing for the next charge cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com