Electronic Components Datasheet Search
  English  ▼

X  

TDA8581 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8581
Description  Multi-purpose high-gain power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8581 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8581 Datasheet HTML 4Page - NXP Semiconductors TDA8581 Datasheet HTML 5Page - NXP Semiconductors TDA8581 Datasheet HTML 6Page - NXP Semiconductors TDA8581 Datasheet HTML 7Page - NXP Semiconductors TDA8581 Datasheet HTML 8Page - NXP Semiconductors TDA8581 Datasheet HTML 9Page - NXP Semiconductors TDA8581 Datasheet HTML 10Page - NXP Semiconductors TDA8581 Datasheet HTML 11Page - NXP Semiconductors TDA8581 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1998 May 27
8
Philips Semiconductors
Preliminary specification
Multi-purpose high-gain power amplifier
TDA8581
Stereo BTL application (see Fig.8)
THD
total harmonic distortion
fi = 1 kHz; Po =1W; RL =4 Ω−
0.05
0.1
%
fi = 10 kHz; Po =1W;
RL =4 Ω; filter: f < 30 kHz
−
0.2
−
%
fi = 1 kHz; Po =1W;
VP = 14.4 V; RL =4 Ω
−
0.05
−
%
fi = 1 kHz; Po =10W;
VP = 24 V; RL =8 Ω
−
0.05
−
%
Po
output power
THD = 0.5%; VP = 14.4 V;
RL =4 Ω
15
16
−
W
THD = 0.5%; VP =24V;
RL =8 Ω
25
28
−
W
THD = 10%; VP = 14.4 V;
RL =4 Ω
18
20
−
W
THD = 10%; VP =24V;
RL =8 Ω
−
35
−
W
Gv
voltage gain
Vo(rms) = 3 V
44
46
48
dB
α
cs
channel separation
Po =2W; fi = 1 kHz; RL =4 Ω
40
55
−
dB
∆G
v
channel unbalance
−−
1dB
Voffset(DC)
DC output offset voltage
VP = 14.4 V; ‘on’ condition
−
0
120
mV
VP = 14.4 V; ‘mute’ condition;
RL =4 Ω
−
10
20
mV
Vno
noise output voltage
Rs =1kΩ; VP = 14.4 V; note 3
−
200
320
µV
Vno(mute)
noise output voltage mute
note 3
−
020
µV
Vo(mute)
output voltage mute
Vi(rms) =1V
−
15
1500
µV
SVRR
supply voltage ripple rejection
Rs =0 Ω; fi = 1 kHz;
Vripple(p-p) = 2 V; ‘on’ or ‘mute’
condition
48
−−
dB
Zi
input impedance
23
30
37
k
Ω
CMRR
common mode rejection ratio
Rs =0 Ω; Vi(rms) = 0.5 V;
fi = 1 kHz
−
40
−
dB
Quad SE application (see Fig.9)
THD
total harmonic distortion
fi = 1 kHz; Po =1W; RL =4 Ω−
0.05
0.1
%
fi = 10 kHz; Po =1W;
RL =4 Ω; filter: f < 30 kHz
−
0.2
−
%
Po
output power
THD = 0.5%; VP = 14.4 V;
RL =4 Ω
4
4.2
−
W
THD = 0.5%; VP =24V;
RL =4 Ω
11.5
13
−
W
THD = 10%; VP = 14.4 V;
RL =4 Ω
−
5.5
−
W
THD = 10%; VP =24V;
RL =4 Ω
14
16
−
W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com