Electronic Components Datasheet Search
  English  ▼

X  

TDA8581 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8581
Description  Multi-purpose high-gain power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8581 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8581 Datasheet HTML 9Page - NXP Semiconductors TDA8581 Datasheet HTML 10Page - NXP Semiconductors TDA8581 Datasheet HTML 11Page - NXP Semiconductors TDA8581 Datasheet HTML 12Page - NXP Semiconductors TDA8581 Datasheet HTML 13Page - NXP Semiconductors TDA8581 Datasheet HTML 14Page - NXP Semiconductors TDA8581 Datasheet HTML 15Page - NXP Semiconductors TDA8581 Datasheet HTML 16Page - NXP Semiconductors TDA8581 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1998 May 27
13
Philips Semiconductors
Preliminary specification
Multi-purpose high-gain power amplifier
TDA8581
Fig.9 Quad single-ended application.
handbook, full pagewidth
MGL143
30 k
Ω
45 k
Ω
45
k
Ω
45
k
Ω
60
k
Ω
60
k
Ω
BUFFER
INTERFACE
DIAGNOSTIC
5
13
6
MUTE
STANDBY
DIAG
BUFFER
Vpx
Vpx
OA
45 k
Ω
−
−
+
+
−
+
−
+
−
+
−
+
OA
V/I
−
−
+
+
V/I
45 k
Ω
60
k
Ω
60
k
Ω
OA
45 k
Ω
−
−
+
+
OA
V/I
−
−
+
+
V/I
7
IN1
8
IN2
10
12
11
IN3
IN5
IN4
1
4
9
14
17
OUT4
+
OUT3
−
BUFFER
OUT2
−
OUT1
+
3
15
216
PGND1
PGND2
TDA8581
1000
µF
16/40 V
100 nF
10
k
Ω
100
µF
10 V
220 nF
+5 V
4 or 8
Ω
4 or 8
Ω
4 or 8
Ω
VinR
220 nF
VinL
220 nF
VinL
FRONT
220 nF
VinR
4 or 8
Ω
REAR
VP
VP1
VP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com