Electronic Components Datasheet Search
  English  ▼

X  

PS2070 Datasheet(PDF) 3 Page - Microchip Technology

Part # PS2070
Description  Switch Mode Charger Evaluation Board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS2070 Datasheet(HTML) 3 Page - Microchip Technology

  PS2070 Datasheet HTML 1Page - Microchip Technology PS2070 Datasheet HTML 2Page - Microchip Technology PS2070 Datasheet HTML 3Page - Microchip Technology PS2070 Datasheet HTML 4Page - Microchip Technology PS2070 Datasheet HTML 5Page - Microchip Technology PS2070 Datasheet HTML 6Page - Microchip Technology PS2070 Datasheet HTML 7Page - Microchip Technology PS2070 Datasheet HTML 8Page - Microchip Technology PS2070 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 2005 Microchip Technology Inc.
DS21927A-page 3
PS2070
•VIN – Jumper to configure voltage sense scaling
factors. The values indicate the maximum battery
voltage.
2.3
Configuration for Lithium Pack
Chemistries
Before attaching the lithium battery pack, please insure
that jumpers OVP and VIN are properly configured for
the maximum pack voltage. Attach the battery pack to
the JBat connector by attaching the top of the pack
(positive) to the left most pin (looking into the connec-
tor) and the bottom of the pack (negative) to the right
most pin.
2.4
Configuration for Nickel Pack
Chemistries
Rechargeable nickel based battery packs can be
attached to the PS2070. Before attaching battery cells,
please insure that jumpers OVP and VIN are properly
configured for the maximum pack voltage. Attach the
battery pack to the JBat connector by attaching the top
of the pack (positive) to the left most pin (looking into
the connector) and the bottom of the pack (negative) to
the right most pin.
2.5
Configuration for Lead Acid
Chemistries
Lead acid configuration will be updated when firmware
is available.
3.0
FUNCTIONAL DESCRIPTION
3.1
PS2070 Switch Mode Charger
Evaluation
The Switch Mode Charger Evaluation Board includes a
simple buck topology charger using the PS200 IC. The
PS200 monitors the battery to determine its status. The
control is a dual loop design with hardware based
current feedback control and firmware based voltage
feedback control. The hardware is configured as a
constant current loop, controlling the Pulse-Width
Modulator (PWM). The firmware sets the current level by
adjusting the PWM signal at PS200 pin 5 (CTRLOUT).
The firmware also measures the voltage and dynami-
cally adjusts the current to maintain the fully charged
constant voltage value. Please refer to the “PS200 Data
Sheet” for details on configuring the PS200.
Overvoltage
protection
–
the
PS200
provides
overcharge protection. This circuit can be disabled by
leaving all OVP jumper positions open. JP18 should
still be connected.
Jumper Position
1-8
(1 Cell)
2-7
(2 Cells)
3-6
(3 Cells)
4-5
(4 Cells)
5V
X
O
O
O
10V
O
X
O
O
15V
O
O
X
O
16.8V
O
O
O
X
Legend: O = open, X = connect



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com