Electronic Components Datasheet Search
  English  ▼

X  

PS2070 Datasheet(PDF) 7 Page - Microchip Technology

Part # PS2070
Description  Switch Mode Charger Evaluation Board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS2070 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PS2070 Datasheet HTML 2Page - Microchip Technology PS2070 Datasheet HTML 3Page - Microchip Technology PS2070 Datasheet HTML 4Page - Microchip Technology PS2070 Datasheet HTML 5Page - Microchip Technology PS2070 Datasheet HTML 6Page - Microchip Technology PS2070 Datasheet HTML 7Page - Microchip Technology PS2070 Datasheet HTML 8Page - Microchip Technology PS2070 Datasheet HTML 9Page - Microchip Technology PS2070 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
 2005 Microchip Technology Inc.
DS21927A-page 7
PS2070
4.3
Mechanical Dimensions
Overall Dimensions: 2.5" W x 4.0" L
FIGURE 4-2:
PS2070 DIMENSION DETAILS
FOR REVISION HISTORY, REFER TO 826196 CHANGE LOG.
BODY OF J4 IS 1080 MILS WIDE,
AND OVERHANGS BOARD EDGE BY 23 MILS.
2063 (mil)
1000 (mil)
3625 (mil)
4000 (mil)
1100 (mil)
2013 (mil)
188 (mil)
250 (mil)
J3
J1
175
(mil)
(J1 CENTER)
PSTP
INTP
SNTP
BATID
1
1
R40
C21
R21
R22
R23
R24
R3
R31
R32
R33
R34
R18
R19
JP19
C1
R20
JP2
R12
C7
C3
C8
C9
C14
C16
R12
R7
JP18
L1
D6
R6
R8
R9
R5
R30
C22
C6
Q1
D1
OUTP
R1
R4
R10
R2
R11
C23
D2
U1
GRNLED
REDLED
POWER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com