Electronic Components Datasheet Search
  English  ▼

X  

TC4420M Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4420M
Description  6A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420M Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4420M Datasheet HTML 2Page - Microchip Technology TC4420M Datasheet HTML 3Page - Microchip Technology TC4420M Datasheet HTML 4Page - Microchip Technology TC4420M Datasheet HTML 5Page - Microchip Technology TC4420M Datasheet HTML 6Page - Microchip Technology TC4420M Datasheet HTML 7Page - Microchip Technology TC4420M Datasheet HTML 8Page - Microchip Technology TC4420M Datasheet HTML 9Page - Microchip Technology TC4420M Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC4420M/TC4429M
DS21933A-page 6
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-7:
Rise and Fall Times vs.
Temperature.
FIGURE 2-8:
Propagation Delay Time vs.
Supply Voltage.
FIGURE 2-9:
Supply Current vs.
Frequency.
FIGURE 2-10:
High-State Output
Resistance vs. Supply Voltage.
FIGURE 2-11:
Effect of Input Amplitude on
Propagation Delay.
FIGURE 2-12:
Low-State Output
Resistance vs. Supply Voltage.
–60
–20
20
60
100
140
TA (°C)
t
RISE
t
50
40
30
20
10
0
C = 2200 pF
V
= 18V
DD
FALL
L
65
60
55
50
45
40
35
4
6
8
10
121416
18
SUPPLY VOLTAGE (V)
tD2
tD1
100
0
0
100
1000
10,000
FREQUENCY (kHz)
10
1000
18V
10V
5V
C = 2200 pF
L
5
4
3
2
59
13
SUPPLY VOLTAGE (V)
100 mA
50 mA
10 mA
711
15
200
160
120
80
40
0
56
7
11
13
15
LOAD = 2200 pF
INPUT 2.4V
INPUT 3V
INPUT 5V
INPUT 8V AND 10V
8
9
10
12
14
V
(V)
DD
2.5
2
1.5
1
59
13
SUPPLY VOLTAGE (V)
100 mA
50 mA
10 mA
711
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com