Electronic Components Datasheet Search
  English  ▼

X  

TC4420M Datasheet(PDF) 15 Page - Microchip Technology

Part # TC4420M
Description  6A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420M Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC4420M Datasheet HTML 10Page - Microchip Technology TC4420M Datasheet HTML 11Page - Microchip Technology TC4420M Datasheet HTML 12Page - Microchip Technology TC4420M Datasheet HTML 13Page - Microchip Technology TC4420M Datasheet HTML 14Page - Microchip Technology TC4420M Datasheet HTML 15Page - Microchip Technology TC4420M Datasheet HTML 16Page - Microchip Technology TC4420M Datasheet HTML 17Page - Microchip Technology TC4420M Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21933A-page 15
TC4420M/TC4429M
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device and
Temperature Range:
TC4420M: 6A High-Speed MOSFET Driver, Non-Inverting,
-55°C to +125°C
TC4429M: 6A High-Speed MOSFET Driver, Inverting,
-55°C to +125°C
Package:
JA = Ceramic Dual In-line (300 mil Body), 8-lead
PART NO.
XX
Package
Device and Temperature
Examples:
a)
TC4420MJA:
6A High-Speed MOSFET
Driver, Non-inverting,
8LD CERDIP package.
a)
TC4429MJA:
6A High-Speed MOSFET
Driver, Inverting,
8LD CERDIP package.
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com