Electronic Components Datasheet Search
  English  ▼

X  

TCN75A Datasheet(PDF) 12 Page - Microchip Technology

Part # TCN75A
Description  2-Wire Serial Temperature Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75A Datasheet(HTML) 12 Page - Microchip Technology

Back Button TCN75A Datasheet HTML 8Page - Microchip Technology TCN75A Datasheet HTML 9Page - Microchip Technology TCN75A Datasheet HTML 10Page - Microchip Technology TCN75A Datasheet HTML 11Page - Microchip Technology TCN75A Datasheet HTML 12Page - Microchip Technology TCN75A Datasheet HTML 13Page - Microchip Technology TCN75A Datasheet HTML 14Page - Microchip Technology TCN75A Datasheet HTML 15Page - Microchip Technology TCN75A Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
TCN75A
DS21935C-page 12
© 2006 Microchip Technology Inc.
TABLE 5-1:
BIT ASSIGNMENT SUMMARY FOR ALL REGISTERS
Register
Pointer
P1 P0
MSB/
LSB
Bit Assignment
76
5
4
3
2
1
0
Ambient Temperature Register (TA)
0 0
MSB
Sign
26°C
25°C
24°C
23°C
22°C
21°C
20°C
LSB
2-1°C
2-2°C
2-3°C
2-4°C
0
00
0
Sensor Configuration Register (CONFIG)
0 1
LSB
One-Shot
Resolution
Fault Queue
ALERT
Polarity
COMP/INT Shutdown
Temperature Hysteresis Register (THYST)
1 0
MSB
Sign
26°C
25°C
24°C
23°C
22°C
21°C
20°C
LSB
2-1°C
0
0
0
0
0
0
0
Temperature Limit-Set Register (TSET)
1 1
MSB
Sign
26°C
25°C
24°C
23°C
22°C
21°C
20°C
LSB
2-1°C
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com