Electronic Components Datasheet Search
  English  ▼

X  

TCN75A Datasheet(PDF) 17 Page - Microchip Technology

Part # TCN75A
Description  2-Wire Serial Temperature Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75A Datasheet(HTML) 17 Page - Microchip Technology

Back Button TCN75A Datasheet HTML 13Page - Microchip Technology TCN75A Datasheet HTML 14Page - Microchip Technology TCN75A Datasheet HTML 15Page - Microchip Technology TCN75A Datasheet HTML 16Page - Microchip Technology TCN75A Datasheet HTML 17Page - Microchip Technology TCN75A Datasheet HTML 18Page - Microchip Technology TCN75A Datasheet HTML 19Page - Microchip Technology TCN75A Datasheet HTML 20Page - Microchip Technology TCN75A Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21935C-page 17
TCN75A
5.3.3
TEMPERATURE HYSTERESIS
REGISTER (THYST)
The TCN75A has a 16-bit read/write Temperature
Hysteresis register that contains a 9-bit data in two’s
compliment format. This register is used to set a
hysteresis for the TSET limit. Therefore, the data
represents a minimum temperature limit. If the ambient
temperature drifts below the specified limit, the
TCN75A
asserts
an
alert
output
(refer
to
Section 5.3.4.3 “ALERT Output Configuration”).
This register uses the nine Most Significant bits (MSbs)
and all other bits are don’t cares.
The power-up default value of THYST register is 75°C,
or <0100 1011 0>b in binary.
REGISTER 5-4:
TEMPERATURE HYSTERESIS REGISTER (THYST) - ADDRESS <0000 0010>b
Upper Half:
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-1
Sign
26 °C
25 °C
24 °C
23 °C
22 °C
21 °C
20 °C
bit 15
bit 8
Lower Half:
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
2-1 °C
0
0
0
0
0
0
0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com