Electronic Components Datasheet Search
  English  ▼

X  

MCP9805 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP9805
Description  Memory Module Digital Temperature Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9805 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP9805 Datasheet HTML 9Page - Microchip Technology MCP9805 Datasheet HTML 10Page - Microchip Technology MCP9805 Datasheet HTML 11Page - Microchip Technology MCP9805 Datasheet HTML 12Page - Microchip Technology MCP9805 Datasheet HTML 13Page - Microchip Technology MCP9805 Datasheet HTML 14Page - Microchip Technology MCP9805 Datasheet HTML 15Page - Microchip Technology MCP9805 Datasheet HTML 16Page - Microchip Technology MCP9805 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
© 2005 Microchip Technology Inc.
DS21977B-page 13
MCP9805
4.1.3
TEMPERATURE EVENT
UPPER/LOWER/CRITICAL
BOUNDARY TRIP REGISTERS
(TUPPER/TLOWER/TCRIT)
The MCP9805 has a 16-bit read/write Event output
Temperature Upper-Boundary Trip register (TUPPER), a
16-bit Lower-Boundary Trip register (TLOWER) and a
16-bit Critical Boundary Trip register (TCRIT) that
contains 11-bit data in two’s compliment format
(0.25 °C/LSb). This data represents the maximum and
minimum
temperature
boundary
or
temperature
window that can be used to monitor ambient tempera-
ture. If this feature is enabled (Section 4.1.2 “Sensor
Configuration Register (CONFIG)”) and the ambient
temperature exceeds the specified boundary or
window, the MCP9805 asserts an Event output. (Refer
to Section 4.2.3 “Event Output Configuration”).
REGISTER 4-4:
UPPER/LOWER/CRITICAL TEMPERATURE BOUNDARY TRIP REGISTERS
(TUPPER/TLOWER/TCRIT) → ADDRESS ‘0000 0010’b/‘0000 0011’b/‘0000 0100’b
bit 15-13
Unimplemented: Read as ‘0’
bit 12
SIGN bit:
0
=TA ≥ 0°C
1
=TA < 0°C
bit 11-2
TUPPER/TLOWER/TCRIT bits:
Temperature boundary trip data in two’s compliment format.
bit 1-0
Unimplemented: Read as ‘0’
Note: This table reflects the three 16-bit registers TUPPER, TLOWER and TCRIT located at address ‘0000 0010’b,
‘0000 0011’b and ‘0000 0100’b, respectively (see Register 4-1).
Upper-Half:
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
——
—
SIGN
27 °C/LSb
26 °C/LSb 25 °C/LSb 24 °C/LSb
bit 15
bit 8
Lower-Half:
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
23 °C/LSb
22 °C/LSb
21 °C/LSb
20 °C/LSb
2-1 °C/LSb 2-2 °C/LSb
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com