Electronic Components Datasheet Search
  English  ▼

X  

MCP9805 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP9805
Description  Memory Module Digital Temperature Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9805 Datasheet(HTML) 2 Page - Microchip Technology

  MCP9805 Datasheet HTML 1Page - Microchip Technology MCP9805 Datasheet HTML 2Page - Microchip Technology MCP9805 Datasheet HTML 3Page - Microchip Technology MCP9805 Datasheet HTML 4Page - Microchip Technology MCP9805 Datasheet HTML 5Page - Microchip Technology MCP9805 Datasheet HTML 6Page - Microchip Technology MCP9805 Datasheet HTML 7Page - Microchip Technology MCP9805 Datasheet HTML 8Page - Microchip Technology MCP9805 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP9805
DS21977B-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD....................................................................... 6.0V
Voltage at all Input/Output pins .... GND – 0.3V to 5.5V
Storage temperature ..........................-65°C to +150°C
Ambient temp. with power applied .....-40°C to +125°C
Junction Temperature (TJ)................................ +150°C
ESD protection on all pins (HBM:MM)....... (4 kV:200V)
Latch-Up Current at each pin ........................ ±200 mA
†Notice: Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 3.0V to 3.6V, GND = Ground and TA = -20°C to +125°C.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Power Supply
Operating Voltage Range
VDD
3.0
—
3.6
V
Operating Current
IDD
—
200
500
µA
Continuous Operation
Shutdown Current
ISHDN
—
0.1
2
µA
Shutdown Mode
Power-On Reset Threshold (POR)
VPOR
—2.2
—
V
VDD Falling Edge
Power Supply Rejection
PSRDC
—±0.3
—
°C
PSRAC
—
±0.5
—
°C
VDD = 3.3V + 150 mVpp
(0 to 1 MHz), TA = +25°C
Temperature Sensor Accuracy
Accuracy with 0.25 °C/LSb Resolution:
+75°C to +95°C
TACY
-1.0
±0.5
+1.0
°C
Active Temp. Range
+40°C to +125°C
TACY
-2.0
±1.0
+2.0
°C
Monitor Temp. Range
-20°C to +125°C
TACY
-3.0
±2.0
+3.0
°C
TA = -40°C
TACY
—±2
—
°C
Internal
ΔΣ ADC
Conversion Time (10-bits + Sign):
0.25 °C/LSb
tCONV
—
65
125
ms
17 samples/sec. (typ.)
Event Output (Open-Drain)
High-Level Current (leakage)
IOH
——
1
µA
VOH = 3.6V
Low-Level Voltage
VOL
——
0.4
V
IOL= 3 mA
Thermal Response
Response Time (Note):
DFN
tRES
—
0.7
—
s
Time to 63% of +22°C (Air)
to +125°C (Oil Bath)
TSSOP
tRES
—1.5
—
s
Note:
Thermal response with 1x1 inch dual-sided copper clad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com