Electronic Components Datasheet Search
  English  ▼

X  

TC1271AMCVCTTR Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1271AMCVCTTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271AMCVCTTR Datasheet(HTML) 1 Page - Microchip Technology

  TC1271AMCVCTTR Datasheet HTML 1Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 2Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 3Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 4Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 5Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 6Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 7Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 8Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 1
TC1270A/70AN/71A
Features:
• Precision voltage monitor
- 2.63V, 2.93V, 3.08V, 4.38V and 4.63V trip
points (Typical)
• Manual Reset input
• Reset Time-out Delay:
- Standard: 280 ms (Typical)
- Optional: 2.19 ms, and 35 ms (Typical)
• Power Consumption
≤ 15 µA max
• No glitches on outputs during power-up
• Active Low Output Options:
- Push-Pull Output and Open-Drain Output
• Active High Output Option:
- Push-Pull Output
• Replacement for (Specification compatible with):
- TC1270, TC1271
- TCM811, TCM812
• Fully static design
• Low voltage operation (1.0V)
• ESD protection:
-
≥ 4 kV Human Body Model (HBM)
-
≥ 400V Machine Model (MM)
• Extended (E) Temperature range:
-40°C to +125°C
• Package Options:
- 4-lead SOT-143
- 5-lead SOT-23
- Pb-free Device
Package Types
Functional Block Diagram
Device Features
1
2
4
3
SOT-143
VSS
VDD
RST
MR
1
2
4
3
SOT-143
VSS
VDD
RST
MR
1
2
3
5
4
SOT-23-5
1
2
3
5
4
SOT-23-5
NC
NC
VDD
MR
RST
VSS
VSS
VDD
MR
RST
18.5 k
Ω
VDD
MR
RST
RST
Glitch Filter
Voltage
Detector
PP
PP
Circuitry
(TC1271A)
(TC1270A)
Reset
Generator
& Delay
Timer
(2.19 ms,
35 ms,
280 ms)
OD
RST
(TC1270AN)
Device
Output
Packages
Comment
Type
Active
Level
TC1270A
Push-Pull
Low
2.19,
35,
280 (1)
4.63, 4.38,
3.08, 2.93,
2.63(4)
1.0V
to
5.5V
-40°C
to
+125°C
SOT-143 (2),
SOT-23-5
Replaces TC1270 and
TCM811
TC1270AN
Open-Drain
Low
SOT-23-5
New Option
TC1271A
Push-Pull
High
SOT-143 (2),
SOT-23-5
Replaces TC1271 and
TCM812
Note 1:
The 280 ms Reset Delay time-out is compatible with the TC1270, TC1271, TCM811, and TCM812
devices.
2:
The SOT-143 package is compatible with the TC1270, TC1271, TCM811, and TCM812 devices.
3:
Custom Reset Trip Points and Reset Delays available, contact factory.
4:
The TC1270/1 and TCM811/12 1.75V Trip Point Option is not supported.
Voltage Supervisor with Manual Reset Input


Similar Part No. - TC1271AMCVCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1271AMAVRCTR MICROCHIP-TC1271AMAVRCTR Datasheet
1Mb / 42P
Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results

Similar Description - TC1271AMCVCTTR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
4 Pin P Voltage Supervisor with Manual Reset
logo
Texas Instruments
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
Quad Reset Supervisor with Manual Reset Input
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
Quad Reset Supervisor with Manual Reset Input
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Union Semiconductor, In...
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com