Electronic Components Datasheet Search
  English  ▼

X  

TC1271AMCVCTTR Datasheet(PDF) 13 Page - Microchip Technology

Part # TC1271AMCVCTTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271AMCVCTTR Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC1271AMCVCTTR Datasheet HTML 9Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 10Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 11Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 12Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 13Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 14Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 15Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 16Page - Microchip Technology TC1271AMCVCTTR Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 13
TC1270A/70AN/71A
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, TA = –40°C to +125°C.
FIGURE 2-37:
MR Low to Reset
Propagation Delay (tMD) vs. Temperature
(TC1270AL, TC1270ANL, TC1271AL
- 4.50V min. / 4.63V typ. / 4.75V max.).
FIGURE 2-38:
MR Low to Reset
Propagation Delay (tMD) vs. Temperature
(TC1270AT, TC1270ANT, TC1271AT
- 3.00V min. / 3.08V typ. / 3.15V max.).
FIGURE 2-39:
MR Low to Reset
Propagation Delay (tMD) vs. Temperature
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V min. / 2.63V typ. / 2.70V max.).
FIGURE 2-40:
VDD Transient Duration vs.
Reset Threshold Overdrive
(VTRIP (minimum) - VDD).
FIGURE 2-41:
Open-Drain Leakage
Current vs. Voltage Applied to RST Pin
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V minimum).
0.17
0.18
0.19
0.2
0.21
0.22
-40
10
60
110
Temperature (°C)
5.5V
5.0V
4.8V
4.75V
0.17
0.18
0.19
0.2
0.21
0.22
-40
10
60
110
Temperature (°C)
5.5V
5.0V
4.5V
4.0V
0.17
0.18
0.19
0.2
0.21
0.22
-40
10
60
110
Temperature (°C)
5.5V
5.0V
4.5V
4.0V
0
10
20
30
40
50
60
0.001
0.01
0.1
1
10
VTRIPMIN - VDD (V)
4.63V
3.08V
2.63V
Above Line, Reset Occurs
Below Line, No Reset Occurs
1.E-14
1.E-12
1.E-10
1.E-08
1.E-06
1.E-04
1.E-02
0123456
7
8
9 10 11 12 13 14
Output Voltage (V)
-40°C
+25°C
+125°C
13.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com