Electronic Components Datasheet Search
  English  ▼

X  

TC1271AMBVRCTR Datasheet(PDF) 23 Page - Microchip Technology

Part # TC1271AMBVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271AMBVRCTR Datasheet(HTML) 23 Page - Microchip Technology

Back Button TC1271AMBVRCTR Datasheet HTML 19Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 20Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 21Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 22Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 23Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 24Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 25Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 26Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 23
TC1270A/70AN/71A
5.0
APPLICATION INFORMATION
This section shows application related information that
may be useful for your particular design requirements.
5.1
Supply Monitor Noise Sensitivity
The TC127XA devices are optimized for fast response
to negative-going changes in VDD. Systems with an
inordinate amount of electrical noise on VDD (such as
systems using relays) may require a 0.01 µF or 0.1 µF
bypass capacitor to reduce detection sensitivity. This
capacitor should be installed as close to the TC127XA
as possible to keep the capacitor lead length short.
FIGURE 5-1:
Typical Application Circuit
with Bypass Capacitor.
5.2
Conventional Voltage Monitoring
Figure 5-2 and Figure 5-3 show the TC127XA in
conventional voltage monitoring applications.
FIGURE 5-2:
Battery Voltage Monitor.
FIGURE 5-3:
Power Good Monitor.
5.3
Using in PIC® Microcontroller,
ICSP™ Applications
Figure 5-4 shows the typical application circuit for using
the TC1270AN for voltage supervisory function when
the PIC microcontroller will be programmed via the
In-Circuit Serial Programming™ (ICSP™) feature.
Additional information is available in TB087, “Using
Voltage Supervisors with PICmicro® Microcontroller
Systems which Implement In-Circuit Serial Program-
ming™”, DS91087.
FIGURE 5-4:
Typical Application Circuit
for PIC® Microcontroller with the ICSP™
Feature.
TC127XA
VDD
RST
VSS
0.1 µF
RST
MR
VDD
RST
VSS
BATLOW
TC127XA
+
–
–
VDD
RST
VSS
Power Good
TC127XA
+
–
Pwr
Sply
Note:
This operation can only be done using the
device with the Open-Drain RST pin
(TC1270AN).
Note:
It is recommended that the current into the
RST pin be current limited by a 1 k
Ω
resistor.
TC1270AN
VDD
VDD/VPP
VDD
RST
MCLR
Reset input)
(Active-Low)
VSS
VSS
PIC®
Microcontroller
RPU
0.1 µF
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com