Electronic Components Datasheet Search
  English  ▼

X  

TC1271AMBVRCTR Datasheet(PDF) 20 Page - Microchip Technology

Part # TC1271AMBVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271AMBVRCTR Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC1271AMBVRCTR Datasheet HTML 16Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 17Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 18Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 19Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 20Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 21Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 22Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 23Page - Microchip Technology TC1271AMBVRCTR Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
TC1270A/70AN/71A
DS22035B-page 20
© 2007 Microchip Technology Inc.
4.2.3
POWER-DOWN/BROWN-OUTS
As the device powers-down/brown-outs, the VDD falls
from a voltage above the devices trip point (VTRIP). The
device will trip at a voltage between the maximum trip
point
(VTRIP(MAX)) and the minimum trip point
(VTRIP(MIN)). Once the device voltage (VDD) goes
below this voltage, the RST/RST pin will be forced to
the active state.
Figure 4-8 shows the waveform of the RST pin as
determined by the VDD voltage. As the VDD voltage falls
from the normal operating point, the device “enters”
reset
by
crossing
the
VTRIP voltage (between
VTRIP(MAX) and VTRIP(MIN)). Then when VDD voltage
rises, the device “exits” reset by crossing the VTRIP volt-
age (below or at VTRIP(MAX)). After the “exit” state has
been detected, the Reset Delay Timer (tRST) starts.
Once the tRST time completes, the Reset pin is driven
inactive.
Table 4-3 shows the state of the RST or RST pins.
TABLE 4-3:
RESET PIN STATES
FIGURE 4-8:
RST
Operation as determined by the VTRIP.
Device
State of RST Pin when:
State of RST Pin when:
Output Driver
VDD < VTRIP
VDD > VTRIP
(1)
VDD < VTRIP
VDD > VTRIP
(1)
TC1270A
L
H
—
—
Push-Pull
TC1271A
—
—
H
L
Push-Pull
Note 1:
The RST/RST pin will be driven inactive after the Reset Delay Timer (tRST) times out.
VDD
VTRIP
RST(1)
1V
< 1V is outside the
device specifications
tRD
tRST
tRD
tRST
VTRIP
(with VDD Falling)
(with VDD Rising)
Note 1:
The TC1270AN requires an external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com