Electronic Components Datasheet Search
  English  ▼

X  

TDF8712 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDF8712
Description  8-bit digital-to-analog converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8712 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDF8712 Datasheet HTML 1Page - NXP Semiconductors TDF8712 Datasheet HTML 2Page - NXP Semiconductors TDF8712 Datasheet HTML 3Page - NXP Semiconductors TDF8712 Datasheet HTML 4Page - NXP Semiconductors TDF8712 Datasheet HTML 5Page - NXP Semiconductors TDF8712 Datasheet HTML 6Page - NXP Semiconductors TDF8712 Datasheet HTML 7Page - NXP Semiconductors TDF8712 Datasheet HTML 8Page - NXP Semiconductors TDF8712 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
June 1994
5
Philips Semiconductors
Product specification
8-bit digital-to-analog converters
TDA8712; TDF8712
PINNING
SYMBOL
PIN
DESCRIPTION
REF
1
voltage reference (decoupling)
AGND
2
analog ground
D2
3
data input; bit 2
D3
4
data input; bit 3
CLK
5
clock input
DGND
6
digital ground
D7
7
data input; bit 7 (MSB)
D6
8
data input; bit 6
D5
9
data input; bit 5
D4
10
data input; bit 4
D1
11
data input; bit 1
D0
12
data input; bit 0 (LSB)
VCCD
13
digital supply voltage (+5 V)
VOUT
14
analog output voltage
VOUT
15
complimentary analog output voltage
VCCA
16
analog supply voltage (+5 V)
Fig.2 Pin configuration.
handbook, halfpage
MBC901 - 1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TDA8712
TDF8712
V CCA
V OUT
VCCD
D0
D1
D4
D5
D6
D7
D3
D2
DGND
CLK
AGND
REF
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com