Electronic Components Datasheet Search
  English  ▼

X  

TDF8712 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDF8712
Description  8-bit digital-to-analog converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8712 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDF8712 Datasheet HTML 5Page - NXP Semiconductors TDF8712 Datasheet HTML 6Page - NXP Semiconductors TDF8712 Datasheet HTML 7Page - NXP Semiconductors TDF8712 Datasheet HTML 8Page - NXP Semiconductors TDF8712 Datasheet HTML 9Page - NXP Semiconductors TDF8712 Datasheet HTML 10Page - NXP Semiconductors TDF8712 Datasheet HTML 11Page - NXP Semiconductors TDF8712 Datasheet HTML 12Page - NXP Semiconductors TDF8712 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
June 1994
9
Philips Semiconductors
Product specification
8-bit digital-to-analog converters
TDA8712; TDF8712
Table 1 Input coding and output voltages (typical values; referenced to VCCA, regardless of the offset voltage).
CODE
INPUT DATA (D7 to D0)
DAC OUTPUT VOLTAGES (V)
ZL = 10 kΩ
ZL = 75 Ω
VOUT
VOUT
VOUT
VOUT
0
000 00 00
0
−1.6
0
−0.8
1
000 000 01
−0.006
−1.594
−0.003
−0.797
.
.
....
128
100 000 00
−0.8
−0.8
−0.4
−0.4
.
.
....
254
111 111 10
−1.594
−0.006
−0.797
−0.003
255
111 111 11
−1.6
0
−0.8
0
Fig.3 Data set-up and hold times.
The shaded areas indicate when the input data may change and be correctly registered. Data input update must be completed within 0.3 ns after the first
rising edge of the clock (tSU;DAT is negative; −0.3 ns). Data must be held at least 2 ns after the rising edge (tHD;DAT = +2 ns).
andbook, full pagewidth
HD; DAT
t
input data
CLK
MBC912
SU; DAT
t
3.0 V
1.3 V
0 V
3.0 V
1.3 V
0 V
stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com