Electronic Components Datasheet Search
  English  ▼

X  

AD1955 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1955
Description  High Performance Multibit DAC with SACD Playback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1955 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1955 Datasheet HTML 13Page - Analog Devices AD1955 Datasheet HTML 14Page - Analog Devices AD1955 Datasheet HTML 15Page - Analog Devices AD1955 Datasheet HTML 16Page - Analog Devices AD1955 Datasheet HTML 17Page - Analog Devices AD1955 Datasheet HTML 18Page - Analog Devices AD1955 Datasheet HTML 19Page - Analog Devices AD1955 Datasheet HTML 20Page - Analog Devices AD1955 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. 0
AD1955
–17–
DVDD
AVDD
L2
600Z
L3
600Z
C2
0.1 F
C1
0.1 F
MCLK
EF_RDATA
SDATA/EF_LDATA
BCLK/EF_BCLK
LRCLK/EF_WCLK
DSD_PHASE
DSD_RDATA
DSD_LDATA
DSD_SCLK
CDATA
CCLK
MUTE
ZEROR
ZEROL
PD/RST
IOUTL+
IOUTL–
IOUTR+
IOUTR–
DGND
AGND1 AGND2
IREF
FILTB
FILTR
DVDD
AVDD
AD1955
U1
AVDD
OR
VREF
VBIAS
VREFA
VREFA
2.80V
C44
0.1 F
C43
47 F
R57
2.80k
R56
2.21k
+
CONNECT VBIAS TO VREFA FOR BEST PERFORMANCE
OR VREF FOR LOWER PARTS COUNT
600Z
L1
R1
2.49k
C3
0.1 F
C4
10 F
C5
0.1 F
C6
47 F
VREF
2.39V
+
+
MCLK
RDATA
SDATA
BCLK
LRCLK
DSD_PHASE
DSD_RDATA
DSD_LDATA
DSD_SCLK
CDATA
CLATCH
CCLK
MUTE
ZEROR
ZEROL
IOUTL+
IOUTL–
IOUTR+
IOUTR–
PD/RST
CLATCH
Figure 6. DAC Power Supply and Bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com