Electronic Components Datasheet Search
  English  ▼

X  

AD1955 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1955
Description  High Performance Multibit DAC with SACD Playback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1955 Datasheet(HTML) 3 Page - Analog Devices

  AD1955 Datasheet HTML 1Page - Analog Devices AD1955 Datasheet HTML 2Page - Analog Devices AD1955 Datasheet HTML 3Page - Analog Devices AD1955 Datasheet HTML 4Page - Analog Devices AD1955 Datasheet HTML 5Page - Analog Devices AD1955 Datasheet HTML 6Page - Analog Devices AD1955 Datasheet HTML 7Page - Analog Devices AD1955 Datasheet HTML 8Page - Analog Devices AD1955 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. 0
AD1955
–3–
DIGITAL I/O (–40 C to +85 C, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Input Voltage HI (VIH)
2.2
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 2.4 V)
–3+3
µA
Input Leakage (IIL @ VIL = 0.8 V)
–3+3
µA
High Level Output Voltage (VOH) IOH = 1 mA
2.4
V
Low Level Output Voltage (VOL) IOL = 1 mA
0.4
V
Input Capacitance
20
pF
Specifications subject to change without notice.
TEMPERATURE
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
–40
+85
°C
Storage
–55
+125
°C
Specifications subject to change without notice.
POWER
Parameter
Min
Typ
Max
Unit
SUPPLIES
Voltage, Digital
4.50
5
5.50
V
Voltage, Analog
4.50
5
5.50
V
Analog Current
20
mA
Analog Current—Reset
20
mA
Digital Current
22
mA
Digital Current—Reset
2
mA
DISSIPATION
Operation—Both Supplies
210
mW
Operation—Analog Supply
100
mW
Operation—Digital Supply
110
mW
POWER SUPPLY REJECTION RATIO
1 kHz 300 mV p-p Signal at Analog Supply Pins
–77
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–72
dB
Specifications subject to change without notice.
DIGITAL FILTER CHARACTERISTICS
Stop-Band
Sample Rate (kHz)
Pass Band (kHz)
Stop Band (kHz)
Attenuation (dB)
Pass-Band Ripple (dB)
44.1
DC–20
24.1–328.7
110
±0.0002
48
DC–21.8
26.23–358.28
110
±0.0002
96
DC–39.95
56.9–327.65
115
±0.0005
192
DC–87.2
117–327.65
95
0/–0.04 (DC – 21.8 kHz)
0/–0.5 (DC – 65.4 kHz)
0/–1.5 (DC – 87.2 kHz)
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com