Electronic Components Datasheet Search
  English  ▼

X  

AD1955ARS Datasheet(PDF) 1 Page - Analog Devices

Part # AD1955ARS
Description  High Performance Multibit DAC with SACD Playback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1955ARS Datasheet(HTML) 1 Page - Analog Devices

  AD1955ARS Datasheet HTML 1Page - Analog Devices AD1955ARS Datasheet HTML 2Page - Analog Devices AD1955ARS Datasheet HTML 3Page - Analog Devices AD1955ARS Datasheet HTML 4Page - Analog Devices AD1955ARS Datasheet HTML 5Page - Analog Devices AD1955ARS Datasheet HTML 6Page - Analog Devices AD1955ARS Datasheet HTML 7Page - Analog Devices AD1955ARS Datasheet HTML 8Page - Analog Devices AD1955ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD1955
High Performance Multibit - DAC
with SACD Playback
FEATURES
5 V Power Supply Stereo Audio DAC System
Accepts 16-/18-/20-/24-Bit Data
Supports 24-Bit, 192 kHz Sample Rate PCM Audio Data
Supports SACD Bit Stream and External Digital Filter
Interface
Accepts a Wide Range of PCM Sample Rates Including:
32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, and
192 kHz
Multibit Sigma-Delta Modulator with "Perfect Differen-
tial Linearity Restoration" for Reduced Idle Tones and
Noise Floor
Data Directed Scrambling DAC––Low Sensitivity to Jitter
Supports SACD Playback with "Bit Expansion" Filter
Differential Current Output for Optimum Performance
8.64 mA p-p Differential Output
120 dB SNR/DNR (not muted) at 48 kHz Sample Rate
(A-Weighted Stereo)
123 dB SNR/DNR (Mono)
–110 dB THD + N
110 dB Stop-Band Attenuation with
0.0002 dB
Pass-Band Ripple
8
Oversampling Digital Filter
On-Chip Clickless Volume Control
Supports SACD-Mute Pattern Detection
Supports 64 fS/128 fS DSD SACD with Phase Mode
Internal Digital Filter Pass-Through for External Filter
Master Clock: 256 fS, 512 fS, 768 fS
Hardware and Software Controllable Clickless Mute
Serial (SPI) Control for Serial Mode, Number of Bits,
Sample Rate, Volume, Mute, De-Emphasis, Mono Mode
Digital De-Emphasis for 32 kHz, 44.1 kHz, and 48 kHz
Sample Rates
Flexible Serial Data Port with Right-Justified, Left-
Justified, I
2S, and DSP Modes
28-Lead SSOP Plastic Package
APPLICATIONS
High End DVD Audio
SACD
CD
Home Theater Systems
Automotive Audio Systems
Sampling Musical Keyboards
Digital Mixing Consoles
Digital Audio Effects Processors
FUNCTIONAL BLOCK DIAGRAM
AUTO-CLOCK
DIVIDER
SPI CONTROL
MASTER
CLOCK INPUT
CONTROL
DATA INPUT
3
DIGITAL
SUPPLY
DSD
BITSTREAM
INPUT
MUX
SERIAL DATA
INTERFACE
EXTERNAL
FILTER I/F
DIGITAL
FILTER ENGINE
S/H
MULTIBIT
-
MODULATOR
NOISE-SHAPED
SCRAMBLING
16-/20-/24-BIT
AUDIO DATA/
EXTERNAL
DIGITAL
FILTER INPUT
3/4
DSD FILTER
RESET
MUTE
ANALOG
SUPPLY
ZERO
FLAGS
I-DAC
L-CH
R-CH
DIFFERENTIAL
CURRENT OUTPUT
I-DAC
VOLTAGE
REFERENCE
4
PRODUCT OVERVIEW
The AD1955 is a complete, high performance, single-chip, stereo
digital audio playback system. It is comprised of a multibit sigma-
delta modulator, high performance digital interpolation filters,
and continuous-time differential current output DACs. Other
features include an on-chip clickless stereo attenuator and mute
capability, programmed through an SPI compatible serial control
port. The AD1955 is fully compatible with all known DVD audio
formats including 192 kHz as well as 96 kHz sample frequencies
and 24 bits. It is also backward compatible by supporting 50
µs/
15
µs digital de-emphasis intended for “redbook” compact discs,
as well as de-emphasis at 32 kHz and 48 kHz sample rates.
The AD1955 has a very flexible serial data input port that
allows for glueless interconnection to a variety of ADCs, DSPs,
SACD decoders, external digital filters, AES/EBU receivers, and
(continued on page 12)


Similar Part No. - AD1955ARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1955ARS AD-AD1955ARS Datasheet
903Kb / 24P
High Performance Multibit with SACD Playback
REV. 0
AD1955ARSRL AD-AD1955ARSRL Datasheet
903Kb / 24P
High Performance Multibit with SACD Playback
REV. 0
AD1955ARSZ AD-AD1955ARSZ Datasheet
903Kb / 24P
High Performance Multibit with SACD Playback
REV. 0
More results

Similar Description - AD1955ARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
Stereo, 96 kHz, Multibit DAC
AD1955 AD-AD1955 Datasheet
259Kb / 10P
High Performance Multibit DAC with SACD Playback
AD1958 AD-AD1958 Datasheet
135Kb / 8P
PLL/Multibit DAC
AD1959 AD-AD1959 Datasheet
107Kb / 8P
PLL/Multibit DAC
EVAL-AD1955EB AD-EVAL-AD1955EB Datasheet
903Kb / 24P
High Performance Multibit - DAC with SACD Playback
REV. 0
AD1955ARSZ AD-AD1955ARSZ Datasheet
903Kb / 24P
High Performance Multibit with SACD Playback
REV. 0
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
Stereo, 96 kHz, Multibit DAC
REV. B
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
PLL/Multibit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com