Electronic Components Datasheet Search
  English  ▼

X  

AD1955ARS Datasheet(PDF) 18 Page - Analog Devices

Part # AD1955ARS
Description  High Performance Multibit DAC with SACD Playback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1955ARS Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1955ARS Datasheet HTML 14Page - Analog Devices AD1955ARS Datasheet HTML 15Page - Analog Devices AD1955ARS Datasheet HTML 16Page - Analog Devices AD1955ARS Datasheet HTML 17Page - Analog Devices AD1955ARS Datasheet HTML 18Page - Analog Devices AD1955ARS Datasheet HTML 19Page - Analog Devices AD1955ARS Datasheet HTML 20Page - Analog Devices AD1955ARS Datasheet HTML 21Page - Analog Devices AD1955ARS Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. 0
–18–
AD1955
+
+
AD797
+12V
0.1 F
0.1 F
4.7 F
4.7 F
OP AMP BYPASS
DUPLICATE FOR EACH PART
–12V
COMP
OUT
NL–
NL+
AD797
U2-A
COMP
OUT
NL–
U3-A
NL+
AD797
G
–
+
J1
LEFT
DIRECT
OUT
6VRMS
VBIAS
IOUTL–
IOUTL+
C9
100pF
C8
OPEN
C7
OPEN
R2
2.00k
R3
2.00k
12V
R4
402
R5
2.00k
R6
100
C10
100pF
R7
100
C11
100pF
R8
2.00k
C12
390pF
R9
1.00k
R10
1.00k
R11
1.00k
R12
1.00k
C14
470pF
C13
470pF
–3dB at 100 kHz
Figure 7. Left Channel Differential Output
+
+
AD797
+12V
0.1 F
0.1 F
4.7 F
4.7 F
OP AMP BYPASS
DUPLICATE FOR EACH PART
–12V
COMP
OUT
NL–
NL+
AD797
U4-A
COMP
OUT
NL–
U5-A
NL+
AD797
G
–
+
J2
RIGHT
DIRECT
OUT
6VRMS
VBIAS
IOUTR–
IOUTR+
C17
100pF
C16
OPEN
C15
OPEN
R13
2.00k
R14
2.00k
12V
R15
402
R16
2.00k
R17
100
C18
100pF
R18
100
C19
100pF
R19
2.00k
C20
390pF
R20
1.00k
R21
1.00k
R22
1.00k
R23
1.00k
C22
470pF
C21
470pF
–3dB at 100 kHz
Figure 8. Right Channel Differential Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com