Electronic Components Datasheet Search
  English  ▼

X  

AD549 Datasheet(PDF) 14 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD549 Datasheet HTML 10Page - Analog Devices AD549 Datasheet HTML 11Page - Analog Devices AD549 Datasheet HTML 12Page - Analog Devices AD549 Datasheet HTML 13Page - Analog Devices AD549 Datasheet HTML 14Page - Analog Devices AD549 Datasheet HTML 15Page - Analog Devices AD549 Datasheet HTML 16Page - Analog Devices AD549 Datasheet HTML 17Page - Analog Devices AD549 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AD549
Data Sheet
Rev. K | Page 14 of 18
The test apparatus is calibrated without a device under test
present. After power is turned on, a 5 minute stabilization
period is required. First, VERR1 and VERR2 are measured. These
voltages are the errors caused by the offset voltages and leakage
currents of the I-to-V converters.
VERR1 = 10 (VOSA – IBA × RSa)
VERR2 = 10 (VOSB – IBB × RSb)
VOS
+
–
2
3
6
8
A
AD549
R2
9.01kΩ
R1
1kΩ
RSa
1010Ω
+
VERR1/VA
VERR2/VB
VOUT
–
CAL/TEST
CC
20pF
CF
0.1µF
+
–
3
2
6
8
B
AD549
R2
9.01kΩ
R1
1kΩ
RSb
1010Ω
CC
20pF
CF
0.1µF
CF
0.1µF
R1
1kΩ
R2
9.01kΩ
DEVICE
UNDER
TEST
I (+)
I (–)
GUARD
Figure 40. Sample and Difference Circuit for Measuring
Electrometer Leakage Currents
Once measured, these errors are subtracted from the readings
taken with a device under test present. Amplifier B closes the
feedback loop to the device under testing in addition to pro-
viding the I-to-V conversion. The offset error of the device
under testing appears as a common-mode signal and does not
affect the test measurement. As a result, only the leakage
current of the device under testing is measured.
VA – VERR1 = 10[RSa × IB(+)]
VX – VERR2 = 10[RSb × IB(–)]
Although a series of devices can be tested after only one calibra-
tion measurement, calibration should be updated periodically
to compensate for any thermal drift of the I-to-V converters or
changes in the ambient environment. Laboratory results have
shown that repeatable measurements within 10 fA can be realized
when this apparatus is properly implemented. These results are
achieved in part by the design of the circuit, which eliminates
relays and other parasitic leakage paths in the high impedance
signal lines, and in part by the inherent cancellation of errors
through the calibration and measurement procedure.
PHOTODIODE INTERFACE
The low input current and low input offset voltage of the AD549
make it an excellent choice for very sensitive photodiode preamps
(see Figure 41). The photodiode develops a signal current, IS,
equal to
IS = R × P
where P is light power incident on the diode surface, in watts,
and R is the photodiode responsivity in amps/watt. RF converts
the signal current to an output voltage
VOUT = RF × IS
2
3
6
5
1
4
AD549
–VS
CF
10pF
IS
RF
109Ω
10kΩ
1µF
VOUT
+
–
Figure 41. Photodiode Preamp
The dc error sources and an equivalent circuit for a small area
(0.2 mm square) photodiode are indicated in Figure 42.
A
+
VOUT
–
VOS
+
–
IS–
IS
RS
109Ω
CS
20pF
RF
109Ω
CF
10pF
Figure 42. Photodiode Preamp DC Error Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com