Electronic Components Datasheet Search
  English  ▼

X  

AD549 Datasheet(PDF) 3 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 3 Page - Analog Devices

  AD549 Datasheet HTML 1Page - Analog Devices AD549 Datasheet HTML 2Page - Analog Devices AD549 Datasheet HTML 3Page - Analog Devices AD549 Datasheet HTML 4Page - Analog Devices AD549 Datasheet HTML 5Page - Analog Devices AD549 Datasheet HTML 6Page - Analog Devices AD549 Datasheet HTML 7Page - Analog Devices AD549 Datasheet HTML 8Page - Analog Devices AD549 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
AD549
Rev. K | Page 3 of 18
SPECIFICATIONS
At 25°C and VS = ±15 V dc, unless otherwise noted; all minimum and maximum specifications are guaranteed; specifications in boldface
are tested on all production units at final electrical test, and results from those tests are used to calculate outgoing quality levels.
Table 1.
AD549J
AD549K
AD549L
AD549S
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT BIAS CURRENT1
Either Input, VCM = 0 V
150
250
75
100
40
60
75
100
fA
Either Input, VCM = ±10 V
150
250
75
100
40
60
75
100
fA
Either Input at TMAX,
VCM = 0 V
11
4.2
2.8
420
pA
Offset Current
50
30
20
30
fA
Offset Current at TMAX
2.2
1.3
0.85
125
pA
INPUT OFFSET VOLTAGE2
Initial Offset
0.5
1.0
0.15
0. 5
0.3
0.5
0.3
0.5
mV
Offset at TMAX
1.9
0.9
0.9
2.0
mV
vs. Temperature
10
20
10
15
5
10
10
15
μV/°C
vs. Supply
32
100
10
32
10
32
10
32
μV/V
vs. Supply, TMIN to TMAX
32
100
10
32
10
32
32
50
μV/V
Long-Term Offset Stability
15
15
15
15
μV/month
INPUT VOLTAGE NOISE
f = 0.1 Hz to 10 Hz
4
4
6
4
4
μV p-p
f = 10 Hz
90
90
90
90
nV/√Hz
f = 100 Hz
60
60
60
60
nV/√Hz
f = 1 kHz
35
35
35
35
nV/√Hz
f = 10 kHz
35
35
35
35
nV/√Hz
INPUT CURRENT NOISE
f = 0.1 Hz to 10 Hz
0.7
0.5
0.36
0.5
fA rms
f = 1 kHz
0.22
0.16
0.11
0.16
fA/√Hz
INPUT IMPEDANCE
Differential
VDIFF = ±1
1013||1
1013||1
1013||1
1013||1
Ω||pF
Common Mode
VCM = ±10 V
1015||0.8
1015||0.8
1015||0.8
1015||0.8
Ω||pF
OPEN-LOOP GAIN
VOUT at ±10 V, RL = 10 kΩ
300
1000
300
1000
300
1000
300
1000
V/mV
VOUT at ±10 V, RL = 10 kΩ,
TMIN to TMAX
300
800
300
800
300
800
300
800
V/mV
VOUT = ±10 V, RL = 2 kΩ
100
250
100
250
100
250
100
250
V/mV
VOUT = ±10 V, RL = 2 kΩ,
TMIN to TMAX
80
200
80
200
80
200
25
150
V/mV
INPUT VOLTAGE RANGE
Differential3
±20
±20
±20
±20
V
Common-Mode Voltage
−10
+10
−10
+10
−10
+10
−10
+10
V
Common-Mode Rejection
Ratio
−10 V ≤ VCM ≤ +10 V
80
90
90
100
90
100
90
100
dB
TMIN to TMAX
76
80
80
90
80
90
80
90
dB
OUTPUT CHARACTERISTICS
VOUT at RL = 10 kΩ, TMIN to
TMAX
−12
+12
−12
+12
−12
+12
−12
+12
V
VOUT at RL = 2 kΩ, TMIN to TMAX
−10
+10
−10
+10
−10
+10
−10
+10
V
Short-Circuit Current
15
20
35
15
20
35
15
20
35
15
20
35
mA
TMIN to TMAX
9
9
9
6
mA
Load Capacitance Stability,
G = +1
4000
4000
4000
4000
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com