Electronic Components Datasheet Search
  English  ▼

X  

TDA8735 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8735
Description  PLL frequency synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8735 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8735 Datasheet HTML 4Page - NXP Semiconductors TDA8735 Datasheet HTML 5Page - NXP Semiconductors TDA8735 Datasheet HTML 6Page - NXP Semiconductors TDA8735 Datasheet HTML 7Page - NXP Semiconductors TDA8735 Datasheet HTML 8Page - NXP Semiconductors TDA8735 Datasheet HTML 9Page - NXP Semiconductors TDA8735 Datasheet HTML 10Page - NXP Semiconductors TDA8735 Datasheet HTML 11Page - NXP Semiconductors TDA8735 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1998 Oct 23
8
Philips Semiconductors
Product specification
PLL frequency synthesizer
TDA8735
Oscillator (XTAL1 and XTAL2)
Rxtal
crystal resonance
resistance (4 MHz)
see Fig.5
−−
150
Ω
Programmable charge pump
ICHP
output current to loop filter
bit CP
logic 0
3
5
7
µA
logic 1
400
500
600
µA
logic 0;
TDA8735T only
35
9
µA
Ripple rejection
RR
fripple = 100 Hz
40
50
−
dB
fripple = 100 Hz
40
50
−
dB
Band switch output (pin 8)
VOH
HIGH-level output voltage
−−
12
V
VOL
LOW-level output voltage
IOL =3mA
−−
0.8
V
I
LO
output leakage current
VOH =12V
−−
10
µA
Tuning voltage amplifier output (pin 15)
Vo(max)
maximum output voltage
Isource = 0.5 mA
VCC2 − 1.5 −−
V
Vo(min)
minimum output voltage
Isink =1mA
−−
0.8
V
Isource
maximum output source current
0.5
−−
mA
Isink
maximum output sink current
1.0
−−
mA
Zo(off)
impedance of switched off output
5
−−
M
Ω
I
bias
input bias current (absolute value)
−
15
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
20
∆V
CC1
∆V
O
------------------
log
20
∆V
CC2
∆V
O
------------------
log



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com