Electronic Components Datasheet Search
  English  ▼

X  

TDA8735 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8735
Description  PLL frequency synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8735 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8735 Datasheet HTML 1Page - NXP Semiconductors TDA8735 Datasheet HTML 2Page - NXP Semiconductors TDA8735 Datasheet HTML 3Page - NXP Semiconductors TDA8735 Datasheet HTML 4Page - NXP Semiconductors TDA8735 Datasheet HTML 5Page - NXP Semiconductors TDA8735 Datasheet HTML 6Page - NXP Semiconductors TDA8735 Datasheet HTML 7Page - NXP Semiconductors TDA8735 Datasheet HTML 8Page - NXP Semiconductors TDA8735 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Oct 23
2
Philips Semiconductors
Product specification
PLL frequency synthesizer
TDA8735
FEATURES
• Complete 30 MHz single-chip tuning system
• Loop amplifier included
• 2-level current amplifier (charge pump) for adjusting the
loop gain
• A powerful digital memory phase detector
• Programmable reference frequencies of 1 kHz, 10 kHz
or 25 kHz
• I2C-bus interface
• Programmable address select input
• Software controlled switch output.
APPLICATIONS
• Satellite sound receiver
• Radio receiver: LW, MW and SW.
GENERAL DESCRIPTION
The TDA8735 is a single-chip PLL synthesizer designed
for satellite receivers. The device can be set to two
different addresses which can be used in applications
where independently tuned VCOs are required.
To adapt to different frequency accuracy, 3 reference
frequencies are selectable via the I2C-bus. The charge
pump current can be set to 2 values with a ratio of 1 : 100
via the I2C-bus.
A programmable switch (open-collector) is integrated to
enable mode or normal switching, or other types of
application.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC1
supply voltage (pin 3)
4.5
5.0
5.5
V
VCC2
supply voltage (pin 16)
VCC1
8.5
12
V
ICC1
supply current (pin 3)
outputs unloaded
12
20
28
mA
ICC2
supply current (pin 16)
outputs unloaded
0.2
0.5
1
mA
fi(max)
maximum input frequency
30
−−
MHz
fi(min)
minimum input frequency
−−
512
kHz
Vi(rms)
input voltage (RMS value)
30
−
500
mV
Ptot
total power dissipation
−
0.14
−
W
Tamb
operating ambient temperature
−30
−
+85
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8735
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
TDA8735T
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com