Electronic Components Datasheet Search
  English  ▼

X  

LTC6091 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6091
Description  High Temperature 1.0A, 35MHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6091 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6091 Datasheet HTML 7Page - Analog Devices LTC6091 Datasheet HTML 8Page - Analog Devices LTC6091 Datasheet HTML 9Page - Analog Devices LTC6091 Datasheet HTML 10Page - Analog Devices LTC6091 Datasheet HTML 11Page - Analog Devices LTC6091 Datasheet HTML 12Page - Analog Devices LTC6091 Datasheet HTML 13Page - Analog Devices LTC6091 Datasheet HTML 14Page - Analog Devices LTC6091 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LT1210X
11
1210Xfa
For more information www.linear.com/LT1210X
APPLICATIONS INFORMATION
When the LT1210X is used to drive capacitive loads, the
available output current can limit the overall slew rate.
In the fastest configuration, the LT1210X is capable of a
slew rate of over 1V/ns. The current required to slew a
capacitor at this rate is 1mA per picofarad of capacitance,
so 10,000pF would require 10A! The photo (Figure 6)
shows the large-signal behavior with CL = 10,000pF. The
slew rate is about 150V/µs, determined by the current
limit of 1.5A.
Differential Input Signal Swing
The differential input swing is limited to about ± 6V by
an ESD protection device connected between the inputs.
In normal operation, the differential voltage between the
input pins is small, so this clamp has no effect; however,
in the shutdown mode the differential swing can be the
same as the input swing. The clamp voltage will then set
the maximum allowable input voltage. To allow for some
margin, it is recommended that the input signal be less
than ±5V when the device is shut down.
Capacitance on the Inverting Input
Current feedback amplifiers require resistive feedback
from the output to the inverting input for stable operation.
Take care to minimize the stray capacitance between the
output and the inverting input. Capacitance on the invert-
ing input to ground will cause peaking in the frequency
response (and overshoot in the transient response), but
it does not degrade the stability of the amplifier.
Power Supplies
The LT1210X will operate from single or split supplies
from ±5V (10V total) to ±15V (30V total). It is not neces-
sary to use equal value split supplies, however the offset
voltage and inverting input bias current will change. The
offset voltage changes about 500µV per volt of supply
mismatch. The inverting bias current can change as much
as 5µA per volt of supply mismatch, though typically the
change is less than 0.5µA per volt.
Power Supply Bypassing
To obtain the maximum output and the minimum distor-
tion from the LT1210X, the power supply rails should be
well bypassed. For example, with the output stage pour-
ing 1A current peaks into the load, a 1 power supply
impedance will cause a droop of 1V, reducing the available
output swing by that amount. Surface mount tantalum
and ceramic capacitors make excellent low ESR bypass
elements when placed close to the chip. For frequencies
above 100kHz, use 1µF and 100nF ceramic capacitors.
If significant power must be delivered below 100kHz,
capacitive reactance becomes the limiting factor. Larger
ceramic or tantalum capacitors, such as 4.7µF, are recom-
mended in place of the 1µF unit mentioned above.
Inadequate bypassing is evidenced by reduced output
swing and “distorted” clipping effects when the output
is driven to the rails. If this is observed, check the supply
pins of the device for ripple directly related to the output
waveform. Significant supply modulation indicates poor
bypassing.
Thermal Considerations
For the TSSOP16-E package, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Experiments have shown that the
heat spreading copper layer does not need to be electri-
cally connected to the tab of the device. The PCB material
can be very effective at transmitting heat between the pad
area attached to the tab of the device, and a ground or
power plane layer either inside or on the opposite side of
the board. Although the actual thermal resistance of the
PCB material is high, the length/area ratio of the thermal
Figure 6. Large-Signal Response, CL = 10,000pF
RF = RG = 3k
RL = ∞
VS = ±15V
1210X F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com