Electronic Components Datasheet Search
  English  ▼

X  

LTC6091 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6091
Description  High Temperature 1.0A, 35MHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6091 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6091 Datasheet HTML 9Page - Analog Devices LTC6091 Datasheet HTML 10Page - Analog Devices LTC6091 Datasheet HTML 11Page - Analog Devices LTC6091 Datasheet HTML 12Page - Analog Devices LTC6091 Datasheet HTML 13Page - Analog Devices LTC6091 Datasheet HTML 14Page - Analog Devices LTC6091 Datasheet HTML 15Page - Analog Devices LTC6091 Datasheet HTML 16Page - Analog Devices LTC6091 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LT1210X
13
1210Xfa
For more information www.linear.com/LT1210X
APPLICATIONS INFORMATION
For operation at 175°C ambient, extreme care must be
taken to not exceed a junction temperature of 200°C.
Large amounts of thermal plane area should be used.
Furthermore, power supply voltages should be reduced
as much as possible (down to a minimum of ±5V), the
value of Rload should be increased as much as possible,
and ISUPPLY of the LT1210X should be reduced as much
as possible by using the CURRENT SET feature of the
LT1210X.
For example, by using a thermal plane area much larger
than Example A in Table 1, it is reasonable to achieve a θJA
TOP LAYER A
TOP LAYER B
TOP LAYER C
TOP LAYER D
EXAMPLE A
EXAMPLE B
EXAMPLE C
EXAMPLE D
BOTTOM LAYER A
JA = 90°C/W
JC = 10°C/W
CA = 80°C/W
JA = 100°C/W
JC = 10°C/W
CA = 90°C/W
JA = 108°C/W
JC = 10°C/W
CA = 98°C/W
JA = 115°C/W
JC = 10°C/W
CA = 105°C/W
BOTTOM LAYER B
BOTTOM LAYER C
BOTTOM LAYER D
Table 1. Thermal Resistance vs PCB Thermal Plane Area
1210X TABLE 1
of 50°C/W. By reducing supply voltages to ±5V, lowering
ISUPPLY with RSD = 15kΩ and using a 25 load, maxi-
mum ambient temperature can be increased substantially.
Assuming θJA can be reduced to 50°C/W and ISUPPLY can
be reduced to 25mA:
tRISE = (50°C/W) • [(10V • 25mA) + ((10V/4)^2)/25]
= (50°C/W) • [0.25W +0.25W] = 25°C
This combination of techniques allows the LT1210X to
operate continuously at an ambient temperature of 175°
with a maximum junction temperature of 200°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com