Electronic Components Datasheet Search
  English  ▼

X  

TDA8740 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8740
Description  Satellite sound circuit with noise reduction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8740 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8740 Datasheet HTML 12Page - NXP Semiconductors TDA8740 Datasheet HTML 13Page - NXP Semiconductors TDA8740 Datasheet HTML 14Page - NXP Semiconductors TDA8740 Datasheet HTML 15Page - NXP Semiconductors TDA8740 Datasheet HTML 16Page - NXP Semiconductors TDA8740 Datasheet HTML 17Page - NXP Semiconductors TDA8740 Datasheet HTML 18Page - NXP Semiconductors TDA8740 Datasheet HTML 19Page - NXP Semiconductors TDA8740 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
October 1994
16
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8740; TDA8740H
APPLICATION INFORMATION
MCS pin 7 (2) = logic 0; (see Fig.5)
The lock-in range of the main channel PLL is 5.5 to
7.5 MHz. The satellite baseband signal is routed to nine
bandpass filters, eight for the secondary channels and one
for the main channel. For the secondary channels the
bandpass filter terminating resistors are integrated on-chip
(330
Ω typically) so no external resistors are required. For
the main channel this is not the case therefore filters with
different characteristics can be used.
MCS pin 7 (2) = logic 1; (see Fig.6)
The lock-in range of the main channel PLL is now 10.0 to
11.5 MHz. The carrier frequency for the main channel is
transposed to 10.7 MHz by an external frequency
synthesizer and mixer; e.g., if a 6.65 MHz carrier is to be
demodulated this frequency is mixed to 10.7 MHz by
tuning the frequency synthesizer to 17.35 MHz. If the
synthesizer is tuned 17.20 MHz a 6.5 MHz carrier can be
demodulated. In this event the audio output level should
be adjusted to
−6 dBV by inserting a 470 Ω resistor in
series with the electrolytic capacitor to pin 41 (37).
MCS pin 7 (2) = MID position
The main channel PLL is off if the voltage is between 1.8
and 2.8 V on pin 7 (2). This situation can be obtained by a
floating MCS pin if VP is between 10.8 and 13.2 V or by
forcing this MCS pin to the desired voltage by an external
voltage source. In that event VP can be in the full range of
8 to 13.2 V. This feature can be used to slightly improve
the signal-to-noise ratio of the secondary channels if the
main channel is not used.
For the main channel the baseband signal is routed to the
mixer, and to eight ceramic bandpass filters for the
secondary channels. For high-end applications the input
level of the NR can be adjusted to give optimal
performance. 0 dB is the maximum input level which
corresponds to the maximum frequency deviation of the
incoming FM signal (50 kHz for secondary channels). If
the NR input signal is too low (HIGH) the NR will attenuate
(favour) the higher audio frequencies too much due to the
expansion character. In general a 1 dB error in the NR
input level will give a 1 dB difference between
LOW (50 Hz) and HIGH (15 kHz) audio frequencies. With
RS1 (RS2) the input level and so the frequency response of
the NR can be adjusted: at 0 dB input level (which
corresponds to a frequency deviation of 50 kHz) the output
level of a 15 kHz modulated signal should be 0.25 dB
lower than that of a 50 Hz modulated signal.
If the main channel only is to be demodulated the PLLs of
the secondary channels can be disabled by setting SCD
pin 11 (6) to logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com