Electronic Components Datasheet Search
  English  ▼

X  

TDA8740 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA8740
Description  Satellite sound circuit with noise reduction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8740 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA8740 Datasheet HTML 16Page - NXP Semiconductors TDA8740 Datasheet HTML 17Page - NXP Semiconductors TDA8740 Datasheet HTML 18Page - NXP Semiconductors TDA8740 Datasheet HTML 19Page - NXP Semiconductors TDA8740 Datasheet HTML 20Page - NXP Semiconductors TDA8740 Datasheet HTML 21Page - NXP Semiconductors TDA8740 Datasheet HTML 22Page - NXP Semiconductors TDA8740 Datasheet HTML 23Page - NXP Semiconductors TDA8740 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
October 1994
20
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8740; TDA8740H
Fig.8 Plastic quad flat package; 44 leads (lead length 1.3 mm); body 10
× 10 × 1.75 mm (QFP44; SOT307-2).
Dimensions in mm.
handbook, full pagewidth
X
A
B
10.1
9.9
12.9
12.3
0.40
0.20
pin 1 index
1
44
34
33
23
22
11
0.40
0.20
0.15 M A
0.8
12
0.8
10.1
9.9
12.9
12.3
S
0.1 S
seating
plane
1.2
0.8
(4x)
1.2
0.8
(4x)
0.95
0.55
MBB944 - 2
detail X
0.85
0.75
0.25
0.14
2.10
1.70
0 to 10
o
1.85
1.65
0.25
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com