Electronic Components Datasheet Search
  English  ▼

X  

STK15C68 Datasheet(PDF) 5 Page - Simtek Corporation

Part # STK15C68
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C68 Datasheet(HTML) 5 Page - Simtek Corporation

  STK15C68 Datasheet HTML 1Page - Simtek Corporation STK15C68 Datasheet HTML 2Page - Simtek Corporation STK15C68 Datasheet HTML 3Page - Simtek Corporation STK15C68 Datasheet HTML 4Page - Simtek Corporation STK15C68 Datasheet HTML 5Page - Simtek Corporation STK15C68 Datasheet HTML 6Page - Simtek Corporation STK15C68 Datasheet HTML 7Page - Simtek Corporation STK15C68 Datasheet HTML 8Page - Simtek Corporation STK15C68 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STK15C68
March 2006
5
Document Control # ML0009 rev 0.2
AutoStore™/POWER-UP RECALL
(VCC = 5.0V ± 10%)
Note k:
tRESTORE starts from the time VCC rises above VSWITCH.
AutoStore™/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK15C68
UNITS
NOTES
Standard
MIN
MAX
22
tRESTORE
Power-up RECALL Duration
550
μs
k
23
tSTORE
STORE Cycle Duration
10
ms
g
24
tDELAY
Time Allowed to Complete SRAM Cycle
1
μs
g
25
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
26
VRESET
Low Voltage Reset Level
3.6
V
e
VCC
VSWITCH
VRESET
POWER-UP RECALL
W
DQ (DATA OUT)
AutoStore™
5V
22
tRESTORE
24
tDELAY
23
tSTORE
25
26
BROWN OUT
AutoStore™
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
POWER-UP
RECALL
BROWN OUT
NO STORE DUE TO
NO SRAM WRITES
NO RECALL
(VCC DID NOT GO
BELOW VRESET)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com