Electronic Components Datasheet Search
  English  ▼

X  

STK15C68 Datasheet(PDF) 6 Page - Simtek Corporation

Part # STK15C68
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C68 Datasheet(HTML) 6 Page - Simtek Corporation

Back Button STK15C68 Datasheet HTML 2Page - Simtek Corporation STK15C68 Datasheet HTML 3Page - Simtek Corporation STK15C68 Datasheet HTML 4Page - Simtek Corporation STK15C68 Datasheet HTML 5Page - Simtek Corporation STK15C68 Datasheet HTML 6Page - Simtek Corporation STK15C68 Datasheet HTML 7Page - Simtek Corporation STK15C68 Datasheet HTML 8Page - Simtek Corporation STK15C68 Datasheet HTML 9Page - Simtek Corporation STK15C68 Datasheet HTML 10Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STK15C68
March 2006
6
Document Control # ML0009 rev 0.2
SOFTWARE STORE/RECALL MODE SELECTION
Note l:
The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
SOFTWARE STORE/RECALL CYCLEm, n
(VCC = 5.0V ± 10%)
Note m: The software sequence is clocked with E controlled READs.
Note n:
The six consecutive addresses must be in the order listed in the Software STORE/RECALL Mode Selection Table: (0000, 1555, 0AAA, 1FFF,
10F0, 0F0F) for a STORE cycle or (0000, 1555, 0AAA, 1FFF, 10F0, 0F0E) for a RECALL cycle. W must be high during all six consecutive
cycles.
SOFTWARE STORE/RECALL CYCLE: E Controlledn
E
W
G
A12 - A0 (hex)
MODE
I/O with G Low
I/O with G High
NOTES
L
H
X
0000
1555
0AAA
1FFF
10F0
0F0F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Output High Z
Output High Z
Output High Z
Output High Z
Output High Z
Output High Z
l
L
H
X
0000
1555
0AAA
1FFF
10F0
0F0E
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Output High Z
Output High Z
Output High Z
Output High Z
Output High Z
Output High Z
l
NO.
SYMBOLS
PARAMETER
STK15C68-25
STK15C68-35
STK15C68-45
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
27
tAVAV
STORE/RECALL Initiation Cycle Time
25
35
45
ns
28
tAVEL
m
Address Set-Up Time
0
0
0
ns
29
tELEH
m
Clock Pulse Width
20
25
30
ns
30
tELAX
g, m
Address Hold Time
20
20
20
ns
31
tRECALL
RECALL Cycle Duration
20
20
20
μs
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
DATA VALID
27
tAVAV
DATA VALID
DQ (DATA OUT)
E
ADDRESS
23
31
tSTORE / tRECALL
27
tAVAV
28
tAVEL
29
tELEH
30
tELAX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com